Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6124A Datasheet (PDF) - Renesas Technology Corp

UPD6124A Datasheet PDF - Renesas Technology Corp
Part # UPD6124A
Download  UPD6124A Download
File Size   312.16 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6124A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6124A Datasheet PDF - Renesas Technology Corp

Part # UPD6124A
Download  UPD6124A Click to download

File Size   312.16 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6124A Datasheet (HTML) - Renesas Technology Corp


UPD6124A Product details

FEATURES
• Low-voltage operation: VDD = 2.0 to 3.3 V
• Low current dissipation: 1 mA Max. (at standby)
• Custom codes: 65,536 (set by external diodes and resistors)
• Data codes:
• mPD6121: 32 codes (single input), 3 codes (double input), expandable up to 64 codes through SEL pin
• mPD6122: 64 codes (single input), 3 codes (double input), expandable up to 128 codes through SEL pin
• mPD6121, 6122 are transmission code-compatible (NEC transmission format) with the mPD1913CNote, 1943GNote,
6102GNote, and 6120CNote.
• Pin compatibility:
• mPD6121G-001 is pin-compatible with the mPD1943G (However, capacitance of capacitor connected to
oscillator pin and other parameters vary)
• mPD6122G-001 is pin-compatible with the mPD6102G (However, capacitance of capacitor connected to
oscillator pin and other parameters vary)
• Standard products (Ver. I, Ver. II specifications)




Similar Part No. - UPD6124A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6124A NEC-UPD6124A Datasheet
172Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6124ACS NEC-UPD6124ACS Datasheet
172Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6124AGS NEC-UPD6124AGS Datasheet
172Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
More results


Similar Description - UPD6124A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com