Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6461 Datasheet (PDF) - Renesas Technology Corp

UPD6461 Datasheet PDF - Renesas Technology Corp
Part # UPD6461
Download  UPD6461 Download
File Size   605.76 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6461 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6461 Datasheet PDF - Renesas Technology Corp

Part # UPD6461
Download  UPD6461 Click to download

File Size   605.76 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6461 Datasheet (HTML) - Renesas Technology Corp


UPD6461 Product details

FEATURES
• Maximum number of characters: 12 rows × 24 columns (288 characters)
• Number of character patterns : 256 (μPD6461)/128 (μPD6462) (stored in ROM). Each pattern can be changed by
specifying a mask code option.
• Character size : One dot per line or one dot per two lines (field)
• Number of character colors : 8
• Background : No background, minimum background, or overall background can be selected for the
entire screen, together with rimming ON/OFF function. Any one of 8 different colors
is selectable as the background color and together with the rim color (black or white)
selectable per screen.
• Dot matrix : Each character consists of 12 (width) × 18 (height) dots. There is no gap between
adjacent characters.
• Blinking : Blinking can be turned on/off for each character. The blinking ratio is 1:1. The blinking
frequency can be selected from approx. 1 Hz, 2 Hz, and 0.5 Hz for the entire screen.
• Reversed characters : Specified characters can be displayed in reverse video.
• Character signal output : Character signals can be output to three channels. Output mode (1) (RGB + BLK, VC1
+ VBLK1, and VC2 + VBLK2) or output mode (2) (R + RBLK, B + BBLK, and G + GBLK) can
be selected by specifying a mask option. For output mode 1, three output formats are
available for the VC1 and VC2 channels (options A, B, and C).
• Clearing of video RAM : Video RAM batch clear command and power-on clear function
• Interface with a microcontroller : 8-bit serial input supporting variable word length (LSB first or MSB first can be selected
by specifying a mask option.)
• Supply voltage : Low-voltage operation possible (supply voltage range: 2.7 to 5.5 V)




Similar Part No. - UPD6461

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6461 NEC-UPD6461 Datasheet
411Kb / 60P
CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
UPD6461GS NEC-UPD6461GS Datasheet
411Kb / 60P
CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
UPD6461GT NEC-UPD6461GT Datasheet
411Kb / 60P
CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
More results


Similar Description - UPD6461

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com