Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170814 Datasheet (PDF) - Lapp.

2170814 Datasheet PDF - Lapp.
Part # 2170814
Download  2170814 Download
File Size   234.9 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS LD FD P A 2x2x0,25 mm²

2170814 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170814 Datasheet PDF - Lapp.

Part # 2170814
Download  2170814 Click to download

File Size   234.9 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS LD FD P A 2x2x0,25 mm²

2170814 Datasheet (HTML) - Lapp.


2170814 Product details

Application
UNITRONIC BUS LD FD P A is a screened, twisted paired flexible cable with UL/CSA approval for bus systems with a data transmission
rate up to 10 Mbit/s and a nominal impedance of 100 - 120 Ohms. The copper screening protects against external electromagnetic
influences.
The cable is applicable for constantly moving employment in power chain systems, linear robots and automatic handling machines in dry
and damp interiors.
Outdoor use: They may only be installed considering the indicated temperature range, whereat changings of the colour of the outer sheath
may occur.
The polyurethane outer sheath is largely resistant to certain oils and to abrasion.




Similar Part No. - 2170814

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170814 TEC-2170814 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
2170814-1 TEC-2170814-1 Datasheet
3Mb / 9P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170814-2 TEC-2170814-2 Datasheet
3Mb / 9P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170814-3 TEC-2170814-3 Datasheet
3Mb / 9P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170814-4 TEC-2170814-4 Datasheet
3Mb / 9P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 2170814

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170276 LAPP-2170276 Datasheet
178Kb / 2P
UNITRONIC BUS CAN FD P 2 x 2 x 0,34 mm²
01.01.2019
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
2170370 LAPP-2170370 Datasheet
109Kb / 2P
UNITRONIC® BUS CC FD P FRNC 3x1xAWG20
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
2170818 LAPP-2170818 Datasheet
187Kb / 2P
UNITRONIC® BUS IBS FD P COMBI A
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com