Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170276 Datasheet (PDF) - Lapp.

2170276 Datasheet PDF - Lapp.
Part # 2170276
Download  2170276 Download
File Size   178.8 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS CAN FD P 2 x 2 x 0,34 mm²

2170276 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170276 Datasheet PDF - Lapp.

Part # 2170276
Download  2170276 Click to download

File Size   178.8 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS CAN FD P 2 x 2 x 0,34 mm²

2170276 Datasheet (HTML) - Lapp.


2170276 Product details

Application
UNITRONIC BUS CAN FD P is a highly flexible data cable with UL and cUL approval, for CAN (Controller Area Network) fieldbus
system according to ISO11898 as well as for high performance data networks with 120 Ohms nominal impedance. The second pair can be
used for electrical power supply for the logical bus units. The transmission characteristics of the cable conform to the CAN system and
guarantee a high operating security during data transmission.
UNITRONIC BUS CAN FD P is intended for high flexible application in power chains, or permanently moving machines,
in dry and damp interiors and in harsh industrial environment.




Similar Part No. - 2170276

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2170274-1 TEC-2170274-1 Datasheet
657Kb / 3P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 2170276

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170264 LAPP-2170264 Datasheet
175Kb / 2P
UNITRONIC BUS CAN A 2 x 2 x 0,34 mm²
01.01.2019
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
2170370 LAPP-2170370 Datasheet
109Kb / 2P
UNITRONIC® BUS CC FD P FRNC 3x1xAWG20
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
2170814 LAPP-2170814 Datasheet
234Kb / 2P
UNITRONIC BUS LD FD P A 2x2x0,25 mm²
05.10.2020
2170818 LAPP-2170818 Datasheet
187Kb / 2P
UNITRONIC® BUS IBS FD P COMBI A
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com