Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170264 Datasheet (PDF) - Lapp.

2170264 Datasheet PDF - Lapp.
Part # 2170264
Download  2170264 Download
File Size   175.15 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS CAN A 2 x 2 x 0,34 mm²

2170264 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170264 Datasheet PDF - Lapp.

Part # 2170264
Download  2170264 Click to download

File Size   175.15 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC BUS CAN A 2 x 2 x 0,34 mm²

2170264 Datasheet (HTML) - Lapp.


2170264 Product details

Application
UNITRONIC BUS CAN A is a data cable with UL and cUL approval, for CAN (Controller Area Network) fieldbus system according
to ISO11898 as well as for high performance data networks with 120 Ohms nominal impedance. The second pair can be used for
electrical power supply for the logical bus units. The transmission characteristics of the cable conform to the CAN system and guarantee
a high operating security during data transmission.
UNITRONIC BUS A is intended for permanent installation and conditional flexible use in dry and damp interiors.




Similar Part No. - 2170264

ManufacturerPart #DatasheetDescription
logo
Littelfuse
21702.5 LITTELFUSE-21702.5 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
21702.5 LITTELFUSE-21702.5 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
logo
TE Connectivity Ltd
2170200-1 TEC-2170200-1 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2170202-2 TEC-2170202-2 Datasheet
107Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Lapp.
2170204 LAPP-2170204 Datasheet
231Kb / 2P
UNITRONIC® BUS LD 2x2x0,22 mm2
01.03.2021
More results


Similar Description - 2170264

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3654 IDT-IDT72V3654 Datasheet
416Kb / 37P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Lapp.
2170276 LAPP-2170276 Datasheet
178Kb / 2P
UNITRONIC BUS CAN FD P 2 x 2 x 0,34 mm²
01.01.2019
2170352 LAPP-2170352 Datasheet
66Kb / 1P
UNITRONIC® BUS FF 2 @ 1X2X1.1
01.02.2019
2170857 LAPP-2170857 Datasheet
65Kb / 1P
UNITRONIC® BUS CAN TRAY
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com