Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6301FH Datasheet (PDF) - Belden Inc.

6301FH Datasheet PDF - Belden Inc.
Part # 6301FH
Download  6301FH Download
File Size   143.38 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 18 AWG, TC, CMP

6301FH Datasheet (PDF)

Go To PDF Page Download Datasheet
6301FH Datasheet PDF - Belden Inc.

Part # 6301FH
Download  6301FH Click to download

File Size   143.38 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 18 AWG, TC, CMP

6301FH Datasheet (HTML) - Belden Inc.


6301FH Product details

Product Description
Security & Commercial Audio Cable, 3 Conductor 18 AWG stranded (7x26) tinned copper conductors with Flamarrest® insulation, Beldfoil® shield and
Flamarrest® jacket with ripcord, Plenum rated.




Similar Part No. - 6301FH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6301FE-8771000 BELDEN-6301FE-8771000 Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6301FE-877U1000 BELDEN-6301FE-877U1000 Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6301FE-877U500 BELDEN-6301FE-877U500 Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6301FE-877Z1000 BELDEN-6301FE-877Z1000 Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
More results


Similar Description - 6301FH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6201UH BELDEN-6201UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6302UH BELDEN-6302UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 18 AWG, TC, CMP
12-20-2022
6401FH BELDEN-6401FH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMP
12-20-2022
6501FH BELDEN-6501FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
6201FH BELDEN-6201FH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
6401UH BELDEN-6401UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMP
12-20-2022
6501UH BELDEN-6501UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
5301FH BELDEN-5301FH Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMR
12-20-2022
6301UH BELDEN-6301UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com