Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6501UH Datasheet (PDF) - Belden Inc.

6501UH Datasheet PDF - Belden Inc.
Part # 6501UH
Download  6501UH Download
File Size   142.2 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 22 AWG, TC, CMP

6501UH Datasheet (PDF)

Go To PDF Page Download Datasheet
6501UH Datasheet PDF - Belden Inc.

Part # 6501UH
Download  6501UH Click to download

File Size   142.2 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 22 AWG, TC, CMP

6501UH Datasheet (HTML) - Belden Inc.


6501UH Product details

Product Description
Security & Commercial Audio Cable, 3 Conductor 22 AWG stranded (7x30) tinned copper conductors with Flamarrest® insulation, Flamarrest® jacket with
ripcord, Plenum rated.




Similar Part No. - 6501UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6501UE BELDEN-6501UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
6501UE-8771000 BELDEN-6501UE-8771000 Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
6501UE-877U1000 BELDEN-6501UE-877U1000 Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
6501UE-877Z1000 BELDEN-6501UE-877Z1000 Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
More results


Similar Description - 6501UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6201UH BELDEN-6201UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6301FH BELDEN-6301FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMP
12-20-2022
6302UH BELDEN-6302UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 18 AWG, TC, CMP
12-20-2022
6401FH BELDEN-6401FH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMP
12-20-2022
6500PE BELDEN-6500PE Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 22 AWG, TC, CMP
05-01-2023
6501FH BELDEN-6501FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
6201FH BELDEN-6201FH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6502UH BELDEN-6502UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 22 AWG, TC, CMP
12-20-2022
6401UH BELDEN-6401UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMP
12-20-2022
6301UH BELDEN-6301UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com