Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6501UE Datasheet (PDF) - Belden Inc.

6501UE Datasheet PDF - Belden Inc.
Part # 6501UE
Download  6501UE Download
File Size   172.24 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 22 AWG BC, Plenum

6501UE Datasheet (PDF)

Go To PDF Page Download Datasheet
6501UE Datasheet PDF - Belden Inc.

Part # 6501UE
Download  6501UE Click to download

File Size   172.24 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 22 AWG BC, Plenum

6501UE Datasheet (HTML) - Belden Inc.


6501UE Product details

Product Description
Security & Commercial Audio Cable, 3 Conductor 22 AWG stranded (7x30) bare copper conductors with Flamarrest® insulation, Plenum, Flamarrest® jacket
with ripcord.




Similar Part No. - 6501UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6501UH BELDEN-6501UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
6501UH-8771000 BELDEN-6501UH-8771000 Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 22 AWG, TC, CMP
12-20-2022
More results


Similar Description - 6501UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5501FE BELDEN-5501FE Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 22 AWG, BC, Shielded, CMR
04-28-2023
6101FE BELDEN-6101FE Datasheet
178Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, Shielded, Plenum
12-20-2022
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6500FC BELDEN-6500FC Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6501FE BELDEN-6501FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Shielded, Plenum
03-29-2023
6502FC BELDEN-6502FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
5501UE BELDEN-5501UE Datasheet
170Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Riser
12-20-2022
4501UE BELDEN-4501UE Datasheet
180Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, LSZH, Eca
08-25-2023
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com