Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6101FE Datasheet (PDF) - Belden Inc.

6101FE Datasheet PDF - Belden Inc.
Part # 6101FE
Download  6101FE Download
File Size   178.85 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 14 AWG BC, Shielded, Plenum

6101FE Datasheet (PDF)

Go To PDF Page Download Datasheet
6101FE Datasheet PDF - Belden Inc.

Part # 6101FE
Download  6101FE Click to download

File Size   178.85 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 14 AWG BC, Shielded, Plenum

6101FE Datasheet (HTML) - Belden Inc.


6101FE Product details

Product Description
Security & Commercial Audio Cable, 3 Conductor 14 AWG stranded (19x27) bare copper conductors with Flamarrest® insulation, Beldfoil® shield, Plenum,
Flamarrest® jacket with ripcord.




Similar Part No. - 6101FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6101FH BELDEN-6101FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, CL2P
12-20-2022
6101FH-8771000 BELDEN-6101FH-8771000 Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, CL2P
12-20-2022
More results


Similar Description - 6101FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4101FE BELDEN-4101FE Datasheet
184Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, LSZH, Shielded, Eca
12-19-2022
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6400FC BELDEN-6400FC Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, Plenum
12-20-2022
6500FC BELDEN-6500FC Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6501FE BELDEN-6501FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Shielded, Plenum
03-29-2023
6502FC BELDEN-6502FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
6501UE BELDEN-6501UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com