Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6500FC Datasheet (PDF) - Belden Inc.

6500FC Datasheet PDF - Belden Inc.
Part # 6500FC
Download  6500FC Download
File Size   180.14 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum

6500FC Datasheet (PDF)

Go To PDF Page Download Datasheet
6500FC Datasheet PDF - Belden Inc.

Part # 6500FC
Download  6500FC Click to download

File Size   180.14 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum

6500FC Datasheet (HTML) - Belden Inc.


6500FC Product details

Product Description
Security, Pro Audio & Intercom Cable, 2 Conductor 22 AWG stranded (7x30) bare copper conductors with FEP insulation, Beldfoil® shield, Plenum,
Flamarrest® jacket with ripcord.




Similar Part No. - 6500FC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6500FE-0031000 BELDEN-6500FE-0031000 Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6500FE-003U1000 BELDEN-6500FE-003U1000 Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6500FE-003Z1000 BELDEN-6500FE-003Z1000 Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6500FE-008U1000 BELDEN-6500FE-008U1000 Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
More results


Similar Description - 6500FC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6101FE BELDEN-6101FE Datasheet
178Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, Shielded, Plenum
12-20-2022
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6400FC BELDEN-6400FC Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, Plenum
12-20-2022
4500FLW BELDEN-4500FLW Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, LSZH, Shielded, Cca
08-25-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6501FE BELDEN-6501FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Shielded, Plenum
03-29-2023
6502FC BELDEN-6502FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
6501UE BELDEN-6501UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com