Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6201UE Datasheet (PDF) - Belden Inc.

6201UE Datasheet PDF - Belden Inc.
Part # 6201UE
Download  6201UE Download
File Size   172.37 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 16 AWG BC, Plenum

6201UE Datasheet (PDF)

Go To PDF Page Download Datasheet
6201UE Datasheet PDF - Belden Inc.

Part # 6201UE
Download  6201UE Click to download

File Size   172.37 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 16 AWG BC, Plenum

6201UE Datasheet (HTML) - Belden Inc.


6201UE Product details

Product Description
Security & Commercial Audio Cable, 3 Conductor 16 AWG stranded (19x29) bare copper conductors with Flamarrest® insulation, Plenum, Flamarrest® jacket
with ripcord.




Similar Part No. - 6201UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6201UH BELDEN-6201UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6201UH-8771000 BELDEN-6201UH-8771000 Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
More results


Similar Description - 6201UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6101FE BELDEN-6101FE Datasheet
178Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, Shielded, Plenum
12-20-2022
4201UE BELDEN-4201UE Datasheet
177Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, LSZH, Eca
12-19-2022
6201FE BELDEN-6201FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Shielded, CMP
11-09-2022
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
5201UE BELDEN-5201UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, CMR
04-28-2023
6500FC BELDEN-6500FC Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6501FE BELDEN-6501FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Shielded, Plenum
03-29-2023
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
6501UE BELDEN-6501UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com