Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8470 Datasheet (PDF) - Belden Inc.

8470 Datasheet PDF - Belden Inc.
Part # 8470
Download  8470 Download
File Size   167.42 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 #16 Str ETP-TC, Unjacketed

8470 Datasheet (PDF)

Go To PDF Page Download Datasheet
8470 Datasheet PDF - Belden Inc.

Part # 8470
Download  8470 Click to download

File Size   167.42 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 #16 Str ETP-TC, Unjacketed

8470 Datasheet (HTML) - Belden Inc.


8470 Product details

Product Description
Speaker Cable, 2 Conductor 16 AWG (19 x 29) Tinned Copper (High conductivity), PVC Insulation, Unjacketed




Similar Part No. - 8470

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8470 ETC2-8470 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Keystone Electronics Co...
8470 KEYSTONE-8470 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
8470 KEYSTONE-8470 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
logo
Molex Electronics Ltd.
84700-0001 MOLEX-84700-0001 Datasheet
164Kb / 2P
RJ-45 Field Wireable Ethernet Connectors
logo
MolexKits
84700-0001 MOLEXKITS-84700-0001 Datasheet
39Kb / 3P
Sealed Bayonet-Style Plug Receptacle and Cable
More results


Similar Description - 8470

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
85102 BELDEN-85102 Datasheet
248Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
1335A BELDEN-1335A Datasheet
175Kb / 3P
Fieldbus, 2 C #16 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
05-05-2023
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
9952 BELDEN-9952 Datasheet
146Kb / 2P
Electronic, 2 C #16 Str TC, PVC-NYL Ins, OA TC Brd, PVC Jkt
01-20-2023
83702 BELDEN-83702 Datasheet
198Kb / 2P
Electronic, 2 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
85221 BELDEN-85221 Datasheet
155Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
05-05-2023
1314SB BELDEN-1314SB Datasheet
173Kb / 2P
Speaker Cable, 2 C #14 Str TC, LSZH Jacket, CMG-LS, ABS Certified,Flexible
01-20-2023
8460 BELDEN-8460 Datasheet
169Kb / 2P
Speaker Cable, 2 #18 Str ETP-TC, Unjacketed
01-20-2023
1307A BELDEN-1307A Datasheet
176Kb / 2P
Speaker Cable, 2 C #16 Str BC-OFHC, PVC Jkt, CM, DIR BUR, Flexible
04-14-2023
9497 BELDEN-9497 Datasheet
149Kb / 2P
Speaker Cable, 2 Conductor 16 AWG TC, Unshielded, CM
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com