Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8808WB Datasheet (PDF) - Belden Inc.

8808WB Datasheet PDF - Belden Inc.
Part # 8808WB
Download  8808WB Download
File Size   149.79 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 8 AWG BC, Unshielded, Waterblocked

8808WB Datasheet (PDF)

Go To PDF Page Download Datasheet
8808WB Datasheet PDF - Belden Inc.

Part # 8808WB
Download  8808WB Click to download

File Size   149.79 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 8 AWG BC, Unshielded, Waterblocked

8808WB Datasheet (HTML) - Belden Inc.


8808WB Product details

Product Description
2 Conductor 8 AWG stranded (19x21) bare copper conductors, PVC/nylon insulated, unshielded, waterblock tape, PVC jacket, rip cord.




Similar Part No. - 8808WB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8808 BELDEN-8808 Datasheet
150Kb / 2P
Speaker Cable, 1 Pair 8 AWG BC, Unshielded, CM
04-14-2023
logo
ASM GmbH
8808-01 ASM-SENSOR-8808-01 Datasheet
1Mb / 8P
MEMORY HiCORDER
logo
Belden Inc.
8808-0101000 BELDEN-8808-0101000 Datasheet
150Kb / 2P
Speaker Cable, 1 Pair 8 AWG BC, Unshielded, CM
04-14-2023
8808-0105000 BELDEN-8808-0105000 Datasheet
150Kb / 2P
Speaker Cable, 1 Pair 8 AWG BC, Unshielded, CM
04-14-2023
logo
ASM GmbH
8808-51 ASM-SENSOR-8808-51 Datasheet
940Kb / 4P
MEMORY HiCORDER
More results


Similar Description - 8808WB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1861A BELDEN-1861A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP
12-19-2022
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
8812WB BELDEN-8812WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, Waterblocked
04-14-2023
8814WB BELDEN-8814WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, Waterblocked
04-14-2023
8810WB BELDEN-8810WB Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, Waterblocked
04-14-2023
8816WB BELDEN-8816WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, Waterblocked
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com