Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG1170 Datasheet (PDF) - List of Unclassifed Manufacturers

AG1170 Datasheet PDF - List of Unclassifed Manufacturers
Part # AG1170
Download  AG1170 Download
File Size   496.63 Kbytes
Page   15 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 5V / 3.3V Low Power Ringing SLIC

AG1170 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG1170 Datasheet PDF - List of Unclassifed Manufacturers

Part # AG1170
Download  AG1170 Click to download

File Size   496.63 Kbytes
Page   15 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 5V / 3.3V Low Power Ringing SLIC

AG1170 Datasheet (HTML) - List of Unclassifed Manufacturers


AG1170 Product details

[Silver Telecom]

DESCRIPTION
The Silver Telecom Ag1170 is a single Subscriber Line Interface Circuit (SLIC) in a 14 pin single in line (SIL) or 21 pin dual in line (DIL) format. The combination of features and packaging offers extremely efficient use of board area, saving significant system size and cost, minimising time to market for Telephony Systems developers.

FEATURES
• A highly featured low power SLIC in a 14 pin SIL or 21 pin DIL format.
• Integral high efficiency DC/DC converter. Single +5V or +3.3V supply voltage.
• Highly integrated with an on-board ringing generator.
• Tip/Ring polarity reversal. On-Hook Transmission for caller line ID.
• Line and balance impedance programmable with external components (on Ag1170-P version)
• Easy to use, with a minimum number of external components.
• Simplified protection in “on-premise” applications.
• Silver Telecom “design-in” assistance.




Similar Part No. - AG1170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
3.3V / 5.0V Low Power Ringing SLIC
logo
Rohm
AG117FLH7FRA ROHM-AG117FLH7FRA Datasheet
3Mb / 14P
Nch 60V 35A Power MOSFET
20260318 - Rev.002
More results


Similar Description - AG1170

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
Low Power Ringing SLIC for Home Gateways
June 2001
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
3.3V / 5.0V Low Power Ringing SLIC
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
QUAD 5V RINGING SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
Low Power Ringing SLIC for Home Gateways
November 3, 2004
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
Low Power Ringing SLIC for Home Gateways
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
3.3V / 5.0V Low Power Ringing SLIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com