Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8576B Datasheet (PDF) - Agere Systems

L8576B Datasheet PDF - Agere Systems
Part # L8576B
Download  L8576B Download
File Size   583.28 Kbytes
Page   26 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual Ringing SLIC

L8576B Datasheet (PDF)

Go To PDF Page Download Datasheet
L8576B Datasheet PDF - Agere Systems

Part # L8576B
Download  L8576B Click to download

File Size   583.28 Kbytes
Page   26 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual Ringing SLIC

L8576B Datasheet (HTML) - Agere Systems


L8576B Product details

Description
The Agere Systems Inc. L8576B electronic dual subscriber line interface circuit (SLIC) provides all the functions that are necessary to interface a codec to the tip and ring of a subscriber loop, integrating two battery feeds and ringing generators in one low-cost package. The L8576B device is optimized to meet the needs of short loop, customer premises applications and features balanced ringing from the single battery supply. The device is built using a 90 V complementary bipolar (CBIC) process. It is available in a 44-pin PLCC package.

Features
■ Two SLIC channels for multiple tip/ring interfaces
■ On-chip balanced ringing generator, no ring relay required
■ Single battery operation or optional automatic battery switch
■ Quiet battery reversal for on-hook signaling
■ Disconnect state
■ Distortion-free, on-hook transmission
■ 24 mA loop current limiter
■ Ring trip detector
■ Switchhook detector
■ Immune to channel crosstalk and impulse noise
■ Allows rail overvoltages for ease of protection
■ Thermal protection
■ 44-pin, surface-mount, plastic package (PLCC)

Applications
■ POTS for ISDN
■ Terminal adapters (TA)
■ Digital loop carrier (DLC) systems
■ PABX




Similar Part No. - L8576B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8574D AGERE-L8574D Datasheet
489Kb / 36P
L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
October 1998
L8575 AGERE-L8575 Datasheet
633Kb / 36P
Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
March 1997
More results


Similar Description - L8576B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
QUAD 5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
High Voltage Ringing SLIC Protector
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com