Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55185 Datasheet (PDF) - Renesas Technology Corp

HC55185 Datasheet PDF - Renesas Technology Corp
Part # HC55185
Download  HC55185 Download
File Size   1013.04 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VoIP Ringing SLIC Family

HC55185 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC55185 Datasheet PDF - Renesas Technology Corp

Part # HC55185
Download  HC55185 Click to download

File Size   1013.04 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VoIP Ringing SLIC Family

HC55185 Datasheet (HTML) - Renesas Technology Corp


HC55185 Product details

Features
• Onboard Ringing Generation
• Compatible with Existing HC5518x Devices
• Low Standby Power Consumption (75V, 65mW)
• Reduced Idle Channel Noise
• Programmable Transient Current Limit
• Improved Off Hook Software Interface
• Integrated MTU DC Characteristics
• Low External Component Count
• Silent Polarity Reversal
• Pulse Metering and On Hook Transmission
• Tip Open Ground Start Operation
• Balanced and Unbalanced Ringing
• Thermal Shutdown with Alarm Indicator
• 28 Lead Surface Mount Packaging
• Reduced Footprint Micro Leadframe Packaging
• Dielectric Isolated (DI) High Voltage Design
• QFN Package Option
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Product Outline
- Near Chip Scale Package Footprint; Improves PCB
Efficiency and has a Thinner Profile
• Pb-free (RoHS compliant)




Similar Part No. - HC55185

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
HC55185 INTERSIL-HC55185 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55185AIM INTERSIL-HC55185AIM Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
HC55185AIM INTERSIL-HC55185AIM Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55185AIMZ INTERSIL-HC55185AIMZ Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
More results


Similar Description - HC55185

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
3.3V Ringing SLIC Family for Voice Over Broadband VOB
October 2003
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
Extended Reach Ringing SLIC Family
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com