Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55180 Datasheet (PDF) - Intersil Corporation

HC55180 Datasheet PDF - Intersil Corporation
Part # HC55180
Download  HC55180 Download
File Size   158.38 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Extended Reach Ringing SLIC Family

HC55180 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC55180 Datasheet PDF - Intersil Corporation

Part # HC55180
Download  HC55180 Click to download

File Size   158.38 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Extended Reach Ringing SLIC Family

HC55180 Datasheet (HTML) - Intersil Corporation


HC55180 Product details

The RSLIC18 family of ringing subscriber line interface circuits (RSLIC) supports analog Plain Old Telephone Service (POTS) in short and medium loop length, wireless and wireline applications. Ideally suited for remote subscriber units, this family of products offers flexibility to designers with high ringing voltage and low power consumption system requirements.

Features
• Battery Operation to 100V
• Low Standby Power Consumption of 50mW
• Peak Ringing Amplitude 95V, 5 REN
• Sinusoidal or Trapezoidal Ringing Capability
• Integrated CODEC Ringing Interface
• Integrated MTU DC Characteristics
• Low External Component Count
• Pulse Metering and On Hook Transmission
• Tip Open Ground Start Operation
• Thermal Shutdown with Alarm Indicator
• 28 Lead Surface Mount Packaging
• Dielectric Isolated (DI) High Voltage Design
• HC55180
   - Silent Polarity Reversal
   - 53dB Longitudinal Balance
   - Loopback Test Capability
• HC55181
   - Integrated Battery Switch
   - Silent Polarity Reversal
   - 58/53dB Longitudinal Balance
   - Loopback and Test Access Capability
• HC55182
   - Integrated Battery Switch
   - 58/53dB Longitudinal Balance
   - Loopback and Test Access Capability
• HC55183
   - Integrated Battery Switch
   - 45dB Longitudinal Balance
• HC55184
   - Integrated Battery Switch
   - Silent Polarity Reversal
   - 45dB Longitudinal Balance

Applications
• Wireless Local Loop (WLL)
• Digital Added Main Line (DAML)/Pairgain
• Integrated Services Digital Network (ISDN)
• Small Office Home Office (SOHO) PBX
• Cable/Computer Telephony




Similar Part No. - HC55180

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55180DIM INTERSIL-HC55180DIM Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
More results


Similar Description - HC55180

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
3.3V Ringing SLIC Family for Voice Over Broadband VOB
October 2003
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
Extended Reach Ringing SLIC Family
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com