Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT91610 Datasheet (PDF) - Mitel Networks Corporation

MT91610 Datasheet PDF - Mitel Networks Corporation
Part # MT91610
Download  MT91610 Download
File Size   67.09 Kbytes
Page   18 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Analog Ringing SLIC

MT91610 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT91610 Datasheet PDF - Mitel Networks Corporation

Part # MT91610
Download  MT91610 Click to download

File Size   67.09 Kbytes
Page   18 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Analog Ringing SLIC

MT91610 Datasheet (HTML) - Mitel Networks Corporation


MT91610 Product details

Description
The Mitel MT91610, with an external bipolar driver (Figure 4), provides an interface between a switching system and a subscriber loop. The functions provided by the MT91610 include battery feed, programmable constant current with constant voltage fold over for long loop, 2W to 4W conversion, offhook and dial pulse detection, direct balance ringing with built in ring tripping, unbalance detection, user definable line and network balance impedance’s and gain, and power down and wake up. The device is fabricated as a CMOS circuit in a 36 pin QSOP package.

Features
• Transformerless 2W to 4W conversion
• Controls battery feed to line
• Programmable line impedance
• Programmable network balance impedance
• Off-hook and dial pulse detection
• Protects against GND short circuit
• Programmable gain
• Programmable constant current mode with constant voltage fold over
• Transformerless balanced ringing with automatic ring trip circuit. No mechanical relay
• Supports low voltage ringing
• Line polarity reversal
• On-hook transmission
• Power down and wake up capability
• Meter pulse injection
• Ground Key detection

Applications
Line interface for:
• PABX
• Intercoms
• Key Telephone Systems
• Control Systems




Similar Part No. - MT91610

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
MT91610AQ ZARLINK-MT91610AQ Datasheet
251Kb / 20P
Programmable Ringing SLIC
More results


Similar Description - MT91610

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
QUAD 5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
High Voltage Ringing SLIC Protector
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com