Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8574D Datasheet (PDF) - Agere Systems

L8574D Datasheet PDF - Agere Systems
Part # L8574D
Download  L8574D Download
File Size   489.3 Kbytes
Page   36 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications

L8574D Datasheet (PDF)

Go To PDF Page Download Datasheet
L8574D Datasheet PDF - Agere Systems

Part # L8574D
Download  L8574D Click to download

File Size   489.3 Kbytes
Page   36 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications

L8574D Datasheet (HTML) - Agere Systems


L8574D Product details

Description
The L8574 is a resistive subscriber line interface circuit (SLIC) that is optimized for long loop applications, such as Bellcore TR-NWT-000057 requirements for digital loop carrier (DLC) applications. It interfaces the low-voltage circuits on an analog line card to the Tip/Ring subscriber loop. The L8574 does not supply dc current to the subscriber loop; external resistors are used for this purpose.

Features
■ Low-power scan mode for low on-hook power dissipation (55 mW max)
■ Low active power dissipation; talk or on-hook transmission (240 mW max)
■ Distortion-free on-hook transmission
■ Eight operating states via latched paralleled data inputs with channel select feature
■ Precision fixed 28 mA current limiter
■ Integrated protection
■ No external protection device required
■ Integrated ringing access relay
■ Ring trip detector
■ Loop closure detector with hysteresis
■ Relay driver
■ Battery noise cancellation
■ Thermal protection
■ 44-pin, surface-mount, plastic package (PLCC)




Similar Part No. - L8574D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8575 AGERE-L8575 Datasheet
633Kb / 36P
Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
March 1997
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
More results


Similar Description - L8574D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8575 AGERE-L8575 Datasheet
633Kb / 36P
Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
March 1997
L9312 AGERE-L9312 Datasheet
709Kb / 40P
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
July 2001
L9313 AGERE-L9313 Datasheet
746Kb / 40P
Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
September 2001
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
SLIC Subscriber Line Interface Circuit
March 1996
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com