Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8575 Datasheet (PDF) - Agere Systems

L8575 Datasheet PDF - Agere Systems
Part # L8575
Download  L8575 Download
File Size   633.79 Kbytes
Page   36 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)

L8575 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8575 Datasheet PDF - Agere Systems

Part # L8575
Download  L8575 Click to download

File Size   633.79 Kbytes
Page   36 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)

L8575 Datasheet (HTML) - Agere Systems


L8575 Product details

Description
The L8575 is a dual-resistive, low-cost subscriber line interface circuit (SLIC) that is optimized to meet both ITU-T recommendations and LSSGR requirements for 600 Ω/900 Ω resistive and complex impedance termination applications. It interfaces the lowvoltage circuits on an analog line card to the Tip and Ring of two subscriber loops. The L8575 does not supply dc current to the subscriber loops—external resistors are used for this purpose. The device is built using a 90 V complementary bipolar (CBIC) process and is available in a 44-pin PLCC package.

Features
■ Two channels in a single package
■ Serial data interface
■ Per-channel powerdown
■ Low standby power (≤65 mW per channel)
■ Integrated protection
■ No external protection device required
■ Battery noise cancellation
■ Switchhook detector
■ Ring-trip detector
■ Switchhook and ring-trip detector self-test
■ Fault detector
■ Zero ring voltage cross detection
■ Three relay drivers per channel
■ 44-pin, surface-mount, plastic package (PLCC)




Similar Part No. - L8575

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8574D AGERE-L8574D Datasheet
489Kb / 36P
L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
October 1998
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
More results


Similar Description - L8575

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
SLIC Subscriber Line Interface Circuit
April 1999
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
SLIC Subscriber Line Interface Circuit
March 1996
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
SLIC Subscriber Line Interface Circuit
June 1997
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
Subscriber Line Interface Circuit (SLIC)
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com