Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9313 Datasheet (PDF) - Agere Systems

L9313 Datasheet PDF - Agere Systems
Part # L9313
Download  L9313 Download
File Size   746.49 Kbytes
Page   40 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications

L9313 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9313 Datasheet PDF - Agere Systems

Part # L9313
Download  L9313 Click to download

File Size   746.49 Kbytes
Page   40 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications

L9313 Datasheet (HTML) - Agere Systems


L9313 Product details

Introduction
The Agere Systems Inc. L9313 is a combination full-feature, ultralow-power SLIC, solid-state ringing access relay, and line test matrix. It is part of a pinfor-pin compatible family of devices designed to serve a wide variety of applications. The L9313 is optimized for TR-57 applications where forward and reverse battery and ground start are required.

Features
SLIC
■ 5 V and battery operation
■ Optional automatic battery switch
■ Seven operational modes
■ Appropriate for 58 dB longitudinal balance applications
■ Minimal external components required at all interfaces
■ Ultralow power dissipation
■ Software/hardware adjustable dc parameters and supervision thresholds
■ Ground start compatible

Solid-State Ring Relay
■ Low impulse noise
■ Current-limited switches/thermal protection

Applications
■ Pair Gain
■ Digital Loop Carrier (DLC)
■ Central Office (CO)
■ Fiber-in-the-Loop (FITL)




Similar Part No. - L9313

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
July 2001
L9311 AGERE-L9311 Datasheet
852Kb / 50P
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
July 2001
L9312 AGERE-L9312 Datasheet
709Kb / 40P
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
July 2001
More results


Similar Description - L9313

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8574D AGERE-L8574D Datasheet
489Kb / 36P
L8574D Resistive Subscriber Line Interface Circuit(SLIC), Ring Relay,and Protector(SRP)for Long Loop and TR-57 Applications
October 1998
L9310 AGERE-L9310 Datasheet
1Mb / 60P
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
July 2001
L9311 AGERE-L9311 Datasheet
852Kb / 50P
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
July 2001
L9312 AGERE-L9312 Datasheet
709Kb / 40P
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
July 2001
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
Ringing Subscriber Line Interface Circuit
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Advanced Micro Devices
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
Ringing Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com