Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9313 Datasheet(PDF) 4 Page - Agere Systems

Part # L9313
Description  Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L9313 Datasheet(HTML) 4 Page - Agere Systems

  L9313 Datasheet HTML 1Page - Agere Systems L9313 Datasheet HTML 2Page - Agere Systems L9313 Datasheet HTML 3Page - Agere Systems L9313 Datasheet HTML 4Page - Agere Systems L9313 Datasheet HTML 5Page - Agere Systems L9313 Datasheet HTML 6Page - Agere Systems L9313 Datasheet HTML 7Page - Agere Systems L9313 Datasheet HTML 8Page - Agere Systems L9313 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Data Sheet
September 2001
Full-Feature SLIC and Ringing Relay for TR-57 Applications
L9313 Line Interface and Line Access Circuit
4
Agere Systems Inc.
Features
s
SLIC and solid-state ring relay integrated into a sin-
gle package
s
5 V and battery operation
s
User-defined power control options:
— Automatic battery switch
— Power control resistor
— Package thermal capabilities
s
Minimal external components required
s
Operating states:
— Forward active
— Reverse active (controlled rate of reversal)
— Scan
— Ground start (tip open)
— All-off or disconnect
— Ring
s
Ultralow power:
— Scan, 15 mW
— Active states, on-hook, 75 mW
— Ring mode, on-hook, 90 mW
— Disconnect, 10 mW
s
Adjustable overhead voltage:
— Overhead adequate for 3.14 dB into
900
Ω overload
— Controlled rate of overhead adjustment
s
Latched parallel input data interface with reset
s
Adjustable current limiter:
— 10 mA to 45 mA programming range
s
Adjustable loop closure detector with hysteresis:
— 4 mA detect, 2.5 mA no detect minimum, upper
limit of 15 mA detect
— Hysteresis, typical 20% of programmed on-hook
to off-hook threshold
s
Ring trip detector:
— Single-pole filtering
s
Thermal shutdown protection with hysteresis
s
Line break switch will foldover into a low-current
state under high-voltage fault conditions
s
Battery out-of-range monitor circuit:
— All-off upon loss of battery (low battery condition)
— All-off upon high battery (fault condition)
s
Longitudinal balance:
— TR-57 balance
s
Ground start:
— Tip open state
— Ring ground detector
s
RFI/EMC-CISP-22
s
Integrated 2 Form C ring relay:
— Low impulse noise
— Current-limited switches
— Break-before-make and make-before-break
switching
s
Meets
Telcordia Technologies
™ GR1089 require-
ments with external protection device
s
44-pin, surface-mount plastic package (PLCC)
Description
The L9313 electronic line interface and line access cir-
cuit (LILAC) provides all the functions that are neces-
sary to interface a codec to the tip and ring of a
subscriber loop, integrating the battery feed and ringing
access relay in one low-power, low-cost package. The
physical construction of the device is two chips. The
first chip is manufactured in Agere 90 V complemen-
tary bipolar integrated circuit (CBIC-S) technology. This
chip contains the SLIC functionality:
s
ac transmission path
s
dc feedback and functions
s
Active dc current limit
s
Active mode loop supervision
s
Thermal shutdown
The second chip is manufactured in Agere dielectrically
isolated 320 V bipolar CMOS diffused metal oxide
semiconductor (BCDMOS III) technology. This chip
contains the following:
s
Ring access relay
s
Scan clamp circuitry
s
Logic control
s
Ring trip
s
Thermal shutdown
s
Battery monitor circuit
The LILAC family requires a +5 V and battery supply to
operate. No –5 V supply is required. A battery switch is
included that automatically, based on subscriber loop
length, will apply either the primary higher-voltage bat-
tery or an optional lower-voltage auxiliary battery. Use
of this feature will minimize off-hook power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com