Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP7A17G Datasheet (PDF) - Zetex Semiconductors

ZXMP7A17G Datasheet PDF - Zetex Semiconductors
Part # ZXMP7A17G
Download  ZXMP7A17G Download
File Size   429.11 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 70V P-channel enhancement mode MOSFET

ZXMP7A17G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMP7A17G Datasheet PDF - Zetex Semiconductors

Part # ZXMP7A17G
Download  ZXMP7A17G Click to download

File Size   429.11 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 70V P-channel enhancement mode MOSFET

ZXMP7A17G Datasheet (HTML) - Zetex Semiconductors


ZXMP7A17G Product details

Summary

VDSS=70V : RDS(on)=0.16Ω ID=3.7A



Description

This new generation of trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage power management applications.



Features

• Low on-resistance

• Fast switching speed

• Low threshold

• Low gate drive

• SOT223 package



Applications

• DC-DC converters

• Power management functions

• Disconnect switches

• Motor control

• Class D audio output stages



 




Similar Part No. - ZXMP7A17G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP7A17G DIODES-ZXMP7A17G Datasheet
434Kb / 8P
70V P-channel enhancement mode MOSFET
MARCH 2006
ZXMP7A17GQ DIODES-ZXMP7A17GQ Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMP7A17GQTA DIODES-ZXMP7A17GQTA Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMP7A17GQTA DIODES-ZXMP7A17GQTA Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMP7A17GQTC DIODES-ZXMP7A17GQTC Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results


Similar Description - ZXMP7A17G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP7A17K ZETEX-ZXMP7A17K Datasheet
558Kb / 8P
70V P-channel enhancement mode MOSFET
ZXMN7A11G ZETEX-ZXMN7A11G Datasheet
416Kb / 8P
70V N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN7A11K DIODES-ZXMN7A11K Datasheet
530Kb / 8P
70V N-channel enhancement mode MOSFET
AUGUST 2006
ZXMP7A17G DIODES-ZXMP7A17G Datasheet
434Kb / 8P
70V P-channel enhancement mode MOSFET
MARCH 2006
ZXMP7A17K DIODES-ZXMP7A17K Datasheet
538Kb / 8P
70V P-channel enhancement mode MOSFET
AUGUST 2006
ZXMN7A11G DIODES-ZXMN7A11G_15 Datasheet
1Mb / 8P
70V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP7A17G DIODES-ZXMP7A17G_15 Datasheet
318Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
ZXMP7A17GQ DIODES-ZXMP7A17GQ_15 Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMP7A17KQ DIODES-ZXMP7A17KQ Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP7A17GQ DIODES-ZXMP7A17GQ Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com