Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP7A17K Datasheet (PDF) - Diodes Incorporated

ZXMP7A17K Datasheet PDF - Diodes Incorporated
Part # ZXMP7A17K
Download  ZXMP7A17K Download
File Size   538.88 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V P-channel enhancement mode MOSFET

ZXMP7A17K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMP7A17K Datasheet PDF - Diodes Incorporated

Part # ZXMP7A17K
Download  ZXMP7A17K Click to download

File Size   538.88 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V P-channel enhancement mode MOSFET

ZXMP7A17K Datasheet (HTML) - Diodes Incorporated


ZXMP7A17K Product details

Summary

VDSS=70V : RDS(on)=0.16Ω ID=5.7A



Description

This new generation of trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage power management applications.



Features

• Low on-resistance

• Fast switching speed

• Low threshold

• Low gate drive

• DPAK package



Applications

• DC-DC converters

• Power management functions

• Disconnect switches

• Motor control

• Class D audio output stages



 




Similar Part No. - ZXMP7A17K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP7A17K ZETEX-ZXMP7A17K Datasheet
558Kb / 8P
70V P-channel enhancement mode MOSFET
logo
Inchange Semiconductor ...
ZXMP7A17K ISC-ZXMP7A17K Datasheet
306Kb / 2P
isc P-Channel MOSFET Transistor
logo
Diodes Incorporated
ZXMP7A17KQ DIODES-ZXMP7A17KQ Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP7A17KQTC DIODES-ZXMP7A17KQTC Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Zetex Semiconductors
ZXMP7A17KTC ZETEX-ZXMP7A17KTC Datasheet
558Kb / 8P
70V P-channel enhancement mode MOSFET
More results


Similar Description - ZXMP7A17K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP7A17K ZETEX-ZXMP7A17K Datasheet
558Kb / 8P
70V P-channel enhancement mode MOSFET
ZXMP7A17G ZETEX-ZXMP7A17G Datasheet
429Kb / 8P
70V P-channel enhancement mode MOSFET
ZXMN7A11G ZETEX-ZXMN7A11G Datasheet
416Kb / 8P
70V N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN7A11K DIODES-ZXMN7A11K Datasheet
530Kb / 8P
70V N-channel enhancement mode MOSFET
AUGUST 2006
ZXMP7A17G DIODES-ZXMP7A17G Datasheet
434Kb / 8P
70V P-channel enhancement mode MOSFET
MARCH 2006
ZXMN7A11G DIODES-ZXMN7A11G_15 Datasheet
1Mb / 8P
70V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP7A17G DIODES-ZXMP7A17G_15 Datasheet
318Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
ZXMP7A17GQ DIODES-ZXMP7A17GQ_15 Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMP7A17KQ DIODES-ZXMP7A17KQ Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP7A17GQ DIODES-ZXMP7A17GQ Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com