Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3290P Datasheet (PDF) - ATMEL Corporation

ATMEGA3290P Datasheet PDF - ATMEL Corporation
Part # ATMEGA3290P
Download  ATMEGA3290P Download
File Size   357.46 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 32K Bytes In-System Programmable Flash

ATMEGA3290P Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA3290P Datasheet PDF - ATMEL Corporation

Part # ATMEGA3290P
Download  ATMEGA3290P Click to download

File Size   357.46 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 32K Bytes In-System Programmable Flash

ATMEGA3290P Datasheet (HTML) - ATMEL Corporation


ATMEGA3290P Product details

Overview
The ATmega329P/3290P is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega329P/3290P achieves throughputs approaching 1MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power Atmel®AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
    – 130 Powerful Instructions – Most Single Clock Cycle Execution
    – 32 x 8 General Purpose Working Registers
    – Fully Static Operation
    – Up to 20MIPS Throughput at 20MHz
    – On-Chip 2-cycle Multiplier
• High Endurance Non-volatile Memory segments
    – In-System Self-programmable Flash Program Memory
        • 32KBytes
    – EEPROM
        • 1Kbytes
    – Internal SRAM
        • 2Kbytes
    – Write/Erase cyles: 10,000 Flash/100,000 EEPROM
    – Data retention: 20 years at 85°C/100 years at 25°C(1)
    – Optional Boot Code Section with Independent Lock Bits
        • In-System Programming by On-chip Boot Program
        • True Read-While-Write Operation
    – Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 compliant) Interface
    – Boundary-scan Capabilities According to the JTAG Standard
    – Extensive On-chip Debug Support
    – Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
    – 4 x 25 Segment LCD Driver (ATmega329P)
    – 4 x 40 Segment LCD Driver (ATmega3290P)
    – Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
    – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode
    – Real Time Counter with Separate Oscillator
    – Four PWM Channels
    – 8-channel, 10-bit ADC
    – Programmable Serial USART
    – Master/Slave SPI Serial Interface
    – Universal Serial Interface with Start Condition Detector
    – Programmable Watchdog Timer with Separate On-chip Oscillator
    – On-chip Analog Comparator
    – Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
    – Power-on Reset and Programmable Brown-out Detection
    – Internal Calibrated Oscillator
    – External and Internal Interrupt Sources
    – Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and Standby
• I/O and Packages
    – 54/69 Programmable I/O Lines
    – 64/100-lead TQFP, 64-pad QFN/MLF
• Speed Grade:
    – ATmega329P/ATmega3290P:
        • 0 - 16MHz @ 1.8 - 5.5V,
        • 0 - 20MHz @ 2.7 - 5.5V
• Temperature range:
    – -40°C to 85°C Industrial
• Ultra-Low Power Consumption
    – Active Mode:
        • 420μA at 1MHz, 1.8V
    – Power-down Mode:
        • 40nA at 1.8V
    – Power-save Mode:
        • 750nA at 1.8V




Similar Part No. - ATMEGA3290P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3290P ATMEL-ATMEGA3290P Datasheet
3Mb / 360P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA3290P ATMEL-ATMEGA3290P Datasheet
462Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA3290P ATMEL-ATMEGA3290P Datasheet
471Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega3290P ATMEL-ATmega3290P Datasheet
513Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega3290P ATMEL-ATmega3290P Datasheet
5Mb / 385P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA3290P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_09 Datasheet
513Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com