Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG60H65FBD7 Datasheet (PDF) - STMicroelectronics

STG60H65FBD7 Datasheet PDF - STMicroelectronics
Part # STG60H65FBD7
Download  STG60H65FBD7 Download
File Size   428.48 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 650 V, 60 A high-speed HB series IGBT die in D7 packing

STG60H65FBD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
STG60H65FBD7 Datasheet PDF - STMicroelectronics

Part # STG60H65FBD7
Download  STG60H65FBD7 Click to download

File Size   428.48 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 650 V, 60 A high-speed HB series IGBT die in D7 packing

STG60H65FBD7 Datasheet (HTML) - STMicroelectronics


STG60H65FBD7 Product details

Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• Very low saturation voltage: VCE(sat) = 1.65 V (typ) @ IC = 60 A
• Safe paralleling
• Tight parameter distribution

Applications
• Solar
• Welding
• High frequency converter

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the new HB series of IGBTs, which represents an
optimum compromise between conduction and switching loss to maximize the
efficiency of any frequency converter. Furthermore, the slightly positive VCE(sat)
temperature coefficient and very tight parameter distribution result in safer paralleling
operation.




Similar Part No. - STG60H65FBD7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG6384 STMICROELECTRONICS-STG6384 Datasheet
328Kb / 21P
High isolation dual SPST analog switch
08-Jan-2008
STG6384QTR STMICROELECTRONICS-STG6384QTR Datasheet
328Kb / 21P
High isolation dual SPST analog switch
08-Jan-2008
STG6684 STMICROELECTRONICS-STG6684 Datasheet
409Kb / 24P
High isolation dual SPDT analog switch
09-Jan-2008
STG6684QTR STMICROELECTRONICS-STG6684QTR Datasheet
409Kb / 24P
High isolation dual SPDT analog switch
09-Jan-2008
More results


Similar Description - STG60H65FBD7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
13-Jul-2016
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
27-Jun-2016
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STG25H120F2D7 STMICROELECTRONICS-STG25H120F2D7 Datasheet
252Kb / 10P
1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing
May 2015 Rev 1
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
20-Jun-2019
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
19-Jun-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com