Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9140EQW Datasheet (PDF) - Infineon Technologies AG

TLE9140EQW Datasheet PDF - Infineon Technologies AG
Part # TLE9140EQW
Download  TLE9140EQW Download
File Size   1335.93 Kbytes
Page   100 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOTIX™ 48 V/24 V bridge driver

TLE9140EQW Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9140EQW Datasheet PDF - Infineon Technologies AG

Part # TLE9140EQW
Download  TLE9140EQW Click to download

File Size   1335.93 Kbytes
Page   100 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOTIX™ 48 V/24 V bridge driver

TLE9140EQW Datasheet (HTML) - Infineon Technologies AG


TLE9140EQW Product details

Features
• Drive B6-bridge for BLDC motors in 24 V/48 V platforms with protection features
• Compatible with general microcontroller and MOTIXTM MCU
• High voltage capability/robustness up to 100 V helps to simplify PCB design
• 16-bit serial peripheral interface
• Charge pump concept to support 100% duty cycle
• Undervoltage shutdown
• Overvoltage shutdown
• Overtemperature protection
• Drain-source monitoring
• Timeout watchdog
• Cross-current protection
• Off-state diagnostic
• Adaptive MOSFET control

Potential applications
• Can be used to drive B6-bridge for BLDC motors with battery voltage up to 72 V (load dump) for
24 V/48 V applications for example engine cooling fan, water pump and oil pump
• Can be used together with general microcontroller to transfer the applications to 24 V/48 V
platforms
• Can be used together with MOTIXTM MCU to transfer the applications to 24V/48V platforms with
minor software development effort




Similar Part No. - TLE9140EQW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
2023-08-07 Rev. 1.00
TLE9140EQW INFINEON-TLE9140EQW Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
Rev. 1.00, 2023-08-07
TLE9140EQWXUMA1 INFINEON-TLE9140EQWXUMA1 Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
2023-08-07 Rev. 1.00
TLE9140EQWXUMA1 INFINEON-TLE9140EQWXUMA1 Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
Rev. 1.00, 2023-08-07
TLE9140EQW INFINEON-TLE9140EQW_V01 Datasheet
1Mb / 97P
MOTIX™ 48 V/24 V bridge driver
2023-08-07 Rev. 1.00
More results


Similar Description - TLE9140EQW

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
16-FOLD 24 V HIGH-SIDE DRIVER
logo
Infineon Technologies A...
IRS2007SPBF INFINEON-IRS2007SPBF Datasheet
1Mb / 18P
200-V Half-Bridge Driver
Rev 1.0 2017-09-1
logo
ON Semiconductor
NLHV1T0434 ONSEMI-NLHV1T0434 Datasheet
83Kb / 7P
48 V RF Antenna Switch Driver
March, 2018 ??Rev. 0
logo
Texas Instruments
DRV8340-Q1 TI1-DRV8340-Q1 Datasheet
1Mb / 77P
12-V / 24-V Automotive Gate Driver Unit (GDU) with Independent Half Bridge Control
logo
Infineon Technologies A...
AUIRB24427S INFINEON-AUIRB24427S Datasheet
796Kb / 20P
Topology Dual Low Side Driver VOUT 12.5 V ??24 V
Sept 29, 2014
logo
Allegro MicroSystems
A89500 ALLEGRO-A89500 Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
logo
ON Semiconductor
LV8324C ONSEMI-LV8324C Datasheet
1Mb / 29P
24 V Single-Phase BLDC Motor Driver
February, 2020 ??Rev. P11
logo
Schneider Electric
BMXCPS4022 SCHNEIDER-BMXCPS4022 Datasheet
114Kb / 3P
redundant power supply module X80 - 24..48 V DC
Apr 18, 2022
logo
Toshiba Semiconductor
TC78H651AFNG TOSHIBA-TC78H651AFNG Datasheet
402Kb / 14P
1.8-V Dual bridge driver IC
2019-1-31
TC78H651FNG TOSHIBA-TC78H651FNG Datasheet
473Kb / 14P
1.8-V Dual bridge driver IC
2018-04-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com