Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5532 Datasheet (PDF) - List of Unclassifed Manufacturers

FA5532 Datasheet PDF - List of Unclassifed Manufacturers
Part # FA5532
Download  FA5532 Download
File Size   256.06 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Quasi-Resonant IC

FA5532 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA5532 Datasheet PDF - List of Unclassifed Manufacturers

Part # FA5532
Download  FA5532 Click to download

File Size   256.06 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Quasi-Resonant IC

FA5532 Datasheet (HTML) - List of Unclassifed Manufacturers


FA5532 Product details

Quasi-Resonant IC



Features

•Internalstart-up circuit with 500V rating and low

  frequency operation achieves140mW input at no load.

•Small Output Capacitance : Linearly reduced

  frequency for lighter load causes small ripple voltage.

•Suitable for Low Noise andHigh Efficiency about 90%

•Line-up of 3 types for maximum frequency and OLP

  5530: 65kHz max.,16Vmax.-VCC,Auto-restart OLP

  5531:130kHz max.,28Vmax.-VCC,Auto-restart OLP

  5532:130kHz max.,28Vmax.-VCC,Timer-Latched OLP

•High ability of driving Power MOSFET ( High / Low side : 17 ohm / 3.5 ohm ) : available to 200W output

•Vcc rating 28V allows noseries regulator for auxiliary winding to clamp Vcc voltage for FA5531/32.

•1ms Fixed Soft Start time

•Timer Latched Over-Voltage Protection of 16V/28V Vcc

•8 pins package ( DIP/SO )

  Usage : Notebook PC, LCD Monitor, LCD-TV etc.




Similar Part No. - FA5532

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5532 FUJI-FA5532 Datasheet
209Kb / 2P
Low Standby Power Quasi-Resonant Controller
More results


Similar Description - FA5532

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
STMicroelectronics
L6565 STMICROELECTRONICS-L6565 Datasheet
255Kb / 17P
QUASI-RESONANT SMPS CONTROLLER
Jan-2003
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
QUASI RESONANT CONTROLLER
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
Automotive Quasi-Resonant Flyback Control IC
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
Quasi resonant operation
V2.2 2014-07-10
logo
Rohm
BM1Q00XFJ ROHM-BM1Q00XFJ Datasheet
1Mb / 29P
Quasi-Resonant Control type DC/DC Converter IC
BM1Q011FJ ROHM-BM1Q011FJ Datasheet
1Mb / 30P
Quasi-Resonant Control type DC/DC Converter IC
logo
Monolithic Power System...
EVHFC0100HS-00A MPS-EVHFC0100HS-00A Datasheet
241Kb / 6P
Quasi Resonant Controller
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Rohm
BM1Q104FJ ROHM-BM1Q104FJ Datasheet
1Mb / 29P
Quasi-Resonant Control DC/DC converter IC
5. Jun. 2017 Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com