Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD45335 Datasheet (PDF) - Analog Devices

AD45335 Datasheet PDF - Analog Devices
Part # AD45335
Download  AD45335 Download
File Size   961.81 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit DAC with Full-Scale Output

AD45335 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD45335 Datasheet PDF - Analog Devices

Part # AD45335
Download  AD45335 Click to download

File Size   961.81 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit DAC with Full-Scale Output

AD45335 Datasheet (HTML) - Analog Devices


AD45335 Product details

FEATURES
► High integration
► 32-channel, 14-bit denseDAC® with integrated high voltage output
amplifier
► Guaranteed monotonic
► Housed in 15 mm × 15 mm CSP_BGA package
► Full-scale output voltage programmable from 50 V to 200 V via
reference input
► 150/40 μA source/sink drive capability
► Integrated silicon diode for temperature monitoring
► Serial peripheral interface (SPI)
► 1.2 MHz channel update rate
► Asynchronous RESET facility
► –10°C to +85°C temperature range

APPLICATIONS
► Optical microelectromechanical systems (MEMS)
► Optical crosspoint switches
► Micropositioning applications using piezoelectric actuators
► Level setting in automotive test and measurement

GENERAL DESCRIPTION
The AD45335 is a 32-channel, 14-bit denseDAC® with an on-chip
high voltage output amplifier. This device is targeted for optical
micro-electromechanical systems. The output voltage range is programmable
via the REF_IN pin. The output range is 0 V to 50 V
when REF_IN = 1 V, and 0 V to 200 V when REF_IN = 4 V. REF_IN
is buffered internally on the AD45335 and should be driven from a
stable reference source.
The selected digital-to-analog converter (DAC) register is written to
via the 3-wire interface. The SPI operates at clock rates of up to
30 MHz.




Similar Part No. - AD45335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45335 AD-AD45335 Datasheet
953Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
AD45335KBCZ AD-AD45335KBCZ Datasheet
953Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
AD45335 AD-AD45335_V01 Datasheet
953Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
More results


Similar Description - AD45335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5535 AD-AD5535 Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
AD5378 AD-AD5378 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
AD5535B AD-AD5535B Datasheet
322Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
REV. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5770R AD-AD5770R Datasheet
2Mb / 59P
6-Channel, 14-Bit, Current Output DAC
2/2019-Revision 0
AD45335 AD-AD45335_V01 Datasheet
953Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com