Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535B Datasheet (PDF) - Analog Devices

AD5535B Datasheet PDF - Analog Devices
Part # AD5535B
Download  AD5535B Download
File Size   322.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V

AD5535B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5535B Datasheet PDF - Analog Devices

Part # AD5535B
Download  AD5535B Click to download

File Size   322.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V

AD5535B Datasheet (HTML) - Analog Devices


AD5535B Product details

GENERAL DESCRIPTION
The AD5535B is a 32-channel, 14-bit denseDAC® with an on-chip high voltage output amplifier. This device is targeted for optical micro-electromechanical systems. The output voltage range is programmable via the REF_IN pin. The output range is 0 V to 50 V when REF_IN = 1 V, and 0 V to 200 V when REF_IN = 4 V. Each amplifier can source 550 µA, which is ideal for the deflection and control of optical MEMS mirrors.

FEATURES
   High integration
      32-channel, 14-bit denseDAC® with integrated high
         voltage output amplifier
   Guaranteed monotonic
   Housed in 15 mm × 15 mm CSP_BGA package
   Full-scale output voltage programmable from 50 V to 200 V
      via reference input
   550 µA drive capability
   Integrated silicon diode for temperature monitoring
   DSP-/microcontroller-compatible serial interface
   1.2 MHz channel update rate
   Asynchronous RESET facility
   –10°C to +85°C temperature range

APPLICATIONS
   Optical microelectromechanical systems (MEMS)
   Optical crosspoint switches
   Micropositioning applications using piezoelectric actuators
   Level setting in automotive test and measurement




Similar Part No. - AD5535B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5535 AD-AD5535 Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
AD5535ABC AD-AD5535ABC Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
More results


Similar Description - AD5535B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5383 AD-AD5383 Datasheet
1Mb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
5/04-Revision 0
AD5535 AD-AD5535 Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD45335 AD-AD45335_V01 Datasheet
953Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com