Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDFMA2P029Z Datasheet (PDF) - ON Semiconductor

FDFMA2P029Z Datasheet PDF - ON Semiconductor
Part # FDFMA2P029Z
Download  FDFMA2P029Z Download
File Size   259.5 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel MOSFET

FDFMA2P029Z Datasheet (PDF)

Go To PDF Page Download Datasheet
FDFMA2P029Z Datasheet PDF - ON Semiconductor

Part # FDFMA2P029Z
Download  FDFMA2P029Z Click to download

File Size   259.5 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel MOSFET

FDFMA2P029Z Datasheet (HTML) - ON Semiconductor


FDFMA2P029Z Product details

Features
MOSFET
• Max rDS(on) = 95 m at VGS = –4.5 V, ID = –3.1 A
• Max rDS(on) = 141 m at VGS = –2.5 V, ID = –2.5 A
• HBM ESD Protection Level > 2.5 kV (Note 1)
Schottky
• VF < 0.37 V @ 500 mA
• Low Profile − 0.8 mm Maximum − In the New Package MicroFET
2x2 mm
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - FDFMA2P029Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z Datasheet
412Kb / 8P
Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.1A, 95mohm
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z Datasheet
304Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z_08 Datasheet
304Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
More results


Similar Description - FDFMA2P029Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com