Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDFMA2P029Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDFMA2P029Z
Description  P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDFMA2P029Z Datasheet(HTML) 3 Page - ON Semiconductor

  FDFMA2P029Z Datasheet HTML 1Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 2Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 3Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 4Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 5Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 6Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 7Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDFMA2P029Z, FDFMA2P029Z−F106
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
BVDSS
Drain to Source Breakdown Voltage
ID = –250 mA, VGS = 0 V
–20
−
−
V
DBVDSS
DTJ
Breakdown Voltage Temperature
Coefficient
ID = –250 mA, referenced to 25°C
−
–12
−
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V, VGS = 0 V
−
−
–1
mA
IGSS
Gate to Source Leakage Current
VGS = ±12 V, VDS = 0 V
−
−
±10
mA
ON CHARACTERISTICS
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = –250 mA
–0.6
–1.0
–1.5
V
DVGS(th)
DTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = –250 mA, referenced to 25°C
−
4
−
mV/°C
rDS(on)
Static Drain to Source On−Resistance
VGS = –4.5 V, ID = –3.1 A
−
60
95
mW
VGS = –2.5 V, ID = –2.5 A
−
88
141
VGS = –4.5 V, ID = –3.1 A, TJ = 125°C
−
87
140
gFS
Forward Transconductance
VDS = –10 V, ID = –3.1 A
−
–11
−
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VDS = –10 V, VGS = 0 V, f = 1 MHz
−
540
720
pF
Coss
Output Capacitance
−
120
160
pF
Crss
Reverse Transfer Capacitance
−
100
150
pF
SWITCHING CHARACTERISTICS
td(on)
Turn−On Delay Time
VDD = –10 V, ID = –1 A
VGS = –4.5 V, RGEN = 6 W
−
13
24
ns
tr
Rise Time
−
11
20
ns
td(off)
Turn−Off Delay Time
−
37
59
ns
tf
Fall Time
−
36
58
ns
Qg(TOT)
Total Gate Charge
VDD = –10 V, ID = –3.1 A
VGS = –4.5 V
−
7
10
nC
Qgs
Gate to Source Gate Charge
−
1.1
−
nC
Qgd
Gate to Drain “Miller” Charge
−
2.4
−
nC
DRAIN−SOURCE DIODE CHARACTERISTICS
IS
Maximum Continuous Drain−Source Diode Forward Current
−
−
–1.1
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = –1.1 A (Note 3)
−
–0.8
–1.2
V
trr
Reverse Recovery Time
IF = –3.1 A, di/dt = 100 A/ms
−
25
−
ns
Qrr
Reverse Recovery Charge
−
9
−
nC
SCHOTTKY DIODE CHARACTERISTICS
VR
Reverse Voltage
IR = 1 mA
TJ = 25°C
20
−
−
V
IR
Reverse Leakage
VR = 20 V
TJ = 25°C
−
30
300
mA
TJ = 125°C
−
10
45
mA
VF
Forward Voltage
IF = 500 mA
TJ = 25°C
−
0.32
0.37
V
TJ = 125°C
−
0.21
0.26
IF = 1 A
TJ = 25°C
−
0.37
0.435
TJ = 125°C
−
0.28
0.33
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com