Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1325A Datasheet (PDF) - Belden Inc.

1325A Datasheet PDF - Belden Inc.
Part # 1325A
Download  1325A Download
File Size   158.63 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP

1325A Datasheet (PDF)

Go To PDF Page Download Datasheet
1325A Datasheet PDF - Belden Inc.

Part # 1325A
Download  1325A Click to download

File Size   158.63 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP

1325A Datasheet (HTML) - Belden Inc.


1325A Product details

Product Description
Security, Speaker & Control, 2 Pair 22 AWG (7 x 30) Tinned Copper, Flamarrest® Insulation, Individually Foil Shielded, Flamarrest® jacket, CMP




Similar Part No. - 1325A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1325A ETC2-1325A Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
1325A0091000 ETC2-1325A0091000 Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
1325A009500 ETC2-1325A009500 Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
1325A0101000 ETC2-1325A0101000 Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
1325AD151000 ETC2-1325AD151000 Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
More results


Similar Description - 1325A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DEIP162F BELDEN-DEIP162F Datasheet
137Kb / 2P
Digital Electricity™, 2 Pr #16 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP164F BELDEN-DEIP164F Datasheet
140Kb / 2P
Digital Electricity™, 4 Pr #16 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP168F BELDEN-DEIP168F Datasheet
141Kb / 2P
Digital Electricity™, 8 Pr #16 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP182F BELDEN-DEIP182F Datasheet
137Kb / 2P
Digital Electricity™, 2 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP184F BELDEN-DEIP184F Datasheet
140Kb / 2P
Digital Electricity™, 4 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP188F BELDEN-DEIP188F Datasheet
141Kb / 2P
Digital Electricity™, 8 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
9451DP BELDEN-9451DP Datasheet
194Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
01-20-2023
9451P BELDEN-9451P Datasheet
213Kb / 3P
Line Level Audio Cable, 1 Pr #22 Str TC, O/A Foil, Flamarrest® Jkt, CMP
01-20-2023
1815P BELDEN-1815P Datasheet
175Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, PVDF Jkt,CMP
01-20-2023
1801B BELDEN-1801B Datasheet
147Kb / 2P
Digital Audio Cable, 1 Pr #24 Str TC, O/A Foil, Flamarrest® Jkt, CMP
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com