Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1325A Datasheet (PDF) - List of Unclassifed Manufacturers

1325A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1325A
Download  1325A Download
File Size   98.93 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation

1325A Datasheet (PDF)

Go To PDF Page Download Datasheet
1325A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1325A
Download  1325A Click to download

File Size   98.93 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation

1325A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1325A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1325A BELDEN-1325A Datasheet
158Kb / 2P
Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP
04-28-2023
1325A-0091000 BELDEN-1325A-0091000 Datasheet
158Kb / 2P
Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP
04-28-2023
1325A-009500 BELDEN-1325A-009500 Datasheet
158Kb / 2P
Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP
04-28-2023
1325A-009Z1000 BELDEN-1325A-009Z1000 Datasheet
158Kb / 2P
Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP
04-28-2023
1325A-0101000 BELDEN-1325A-0101000 Datasheet
158Kb / 2P
Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP
04-28-2023
More results


Similar Description - 1325A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344805 ETC2-1344805 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
1345992 ETC2-1345992 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1346679 ETC2-1346679 Datasheet
102Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
1347719 ETC2-1347719 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductors, polyethylene insulation
8441 ETC2-8441 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
82442 ETC2-82442 Datasheet
97Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
82723 ETC2-82723 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
8451 ETC2-8451 Datasheet
102Kb / 3P
22 AWG stranded (7x30) TC conductors, polypropylene insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com