Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6850 Datasheet (PDF) - Allegro MicroSystems

A6850 Datasheet PDF - Allegro MicroSystems
Part # A6850
Download  A6850 Download
File Size   524.06 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Dual Channel Switch Interface IC

A6850 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6850 Datasheet PDF - Allegro MicroSystems

Part # A6850
Download  A6850 Click to download

File Size   524.06 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Dual Channel Switch Interface IC

A6850 Datasheet (HTML) - Allegro MicroSystems


A6850 Product details

Description
The Allegro® A6850 is designed to interface between a microprocessor and a pair of 2-wire Hall effect sensor ICs. The A6850 uses protected high-side low resistance DMOS MOSFETs to switch the supply voltage to the two Hall effect devices. Each switch can be controlled independently via individual ENABLE pins and both switches are protected with current-limiting circuitry. The output switches are rated to operate to 26.5 V and will source at least 25 mA per channel before current limiting.

Features and Benefits
▪ 4.75 to 26.5 V operation
▪ Low VIN-to-VOUT voltage drop
▪ 1/10 current sense feedback
▪ Survive short-to-battery and short-to-ground faults
▪ Survive 40 V load dump
▪ >4 kV ESD rating on the output pins, >2 kV on all other pins
▪ Output current limiting
▪ Low operating and Sleep mode currents
▪ Integrates with Allegro A114x and A118x Hall effect two-wire sensor ICs




Similar Part No. - A6850

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
Asynchronous Communications Interface Adapter
logo
Allegro MicroSystems
A6850 ALLEGRO-A6850 Datasheet
385Kb / 12P
Dual Channel Switch Interface IC
More results


Similar Description - A6850

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305 Datasheet
1Mb / 29P
Interlock switch sensor interface IC
logo
Allegro MicroSystems
A6850 ALLEGRO-A6850 Datasheet
385Kb / 12P
Dual Channel Switch Interface IC
logo
NXP Semiconductors
TDA8020HLC2 PHILIPS-TDA8020HLC2 Datasheet
143Kb / 28P
Dual IC card interface
2003 Nov 06
logo
Seiko Instruments Inc
S5842A SII-S5842A Datasheet
686Kb / 31P
DUAL TRIP TEMPERATURE SWITCH IC
logo
ON Semiconductor
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
Interlock switch sensor interface IC
logo
Seiko Instruments Inc
S-5842AAAAF-M6T1Y SII-S-5842AAAAF-M6T1Y Datasheet
1Mb / 31P
DUAL TRIP TEMPERATURE SWITCH IC
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com