Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5200UH Datasheet (PDF) - Belden Inc.

5200UH Datasheet PDF - Belden Inc.
Part # 5200UH
Download  5200UH Download
File Size   150.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG, TC, Riser

5200UH Datasheet (PDF)

Go To PDF Page Download Datasheet
5200UH Datasheet PDF - Belden Inc.

Part # 5200UH
Download  5200UH Click to download

File Size   150.34 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG, TC, Riser

5200UH Datasheet (HTML) - Belden Inc.


5200UH Product details

Product Description
Security & Commercial Audio Cable, 2 Conductor 16 AWG stranded (19x29) tinned copper conductors with polyolefin insulation, Riser, PVC jacket with ripcord.




Similar Part No. - 5200UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5200UE-0011000 BELDEN-5200UE-0011000 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5200UE-001U1000 BELDEN-5200UE-001U1000 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5200UE-001Z1000 BELDEN-5200UE-001Z1000 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5200UE-0021000 BELDEN-5200UE-0021000 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
More results


Similar Description - 5200UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5200FH BELDEN-5200FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, CMR
04-13-2023
5300FH BELDEN-5300FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Riser
12-20-2022
5300UH BELDEN-5300UH Datasheet
152Kb / 3P
Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
6200FH BELDEN-6200FH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG TC, Shielded, Plenum
12-20-2022
6200UH BELDEN-6200UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Plenum
03-04-2023
6201UH BELDEN-6201UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6202UH BELDEN-6202UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 16 AWG, TC, CMP
12-20-2022
5501FH BELDEN-5501FH Datasheet
147Kb / 2P
Security & Sound, 3 Conductor 22 AWG TC, Shielded, Riser
12-20-2022
6201FH BELDEN-6201FH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
5101FH BELDEN-5101FH Datasheet
152Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, Shielded, Riser
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com