Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5200FH Datasheet (PDF) - Belden Inc.

5200FH Datasheet PDF - Belden Inc.
Part # 5200FH
Download  5200FH Download
File Size   152.39 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG, TC, CMR

5200FH Datasheet (PDF)

Go To PDF Page Download Datasheet
5200FH Datasheet PDF - Belden Inc.

Part # 5200FH
Download  5200FH Click to download

File Size   152.39 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG, TC, CMR

5200FH Datasheet (HTML) - Belden Inc.


5200FH Product details

Product Description
Security & Commercial Audio Cable, Riser-CMR, 2-16 AWG stranded tinned copper conductors with polyolefin insulation, Beldfoil® shield and PVC jacket with
ripcord




Similar Part No. - 5200FH

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5200F CML-5200F Datasheet
19Kb / 1P
Series Panel Mounted LED Indicator Light
logo
Visual Communications C...
5200F VCC-5200F Datasheet
102Kb / 1P
Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5200F1 CML-5200F1 Datasheet
19Kb / 1P
Series Panel Mounted LED Indicator Light
logo
Visual Communications C...
5200F1 VCC-5200F1 Datasheet
102Kb / 1P
Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5200F5 CML-5200F5 Datasheet
19Kb / 1P
Series Panel Mounted LED Indicator Light
More results


Similar Description - 5200FH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5400FH BELDEN-5400FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
12-20-2022
5400UH BELDEN-5400UH Datasheet
145Kb / 3P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
11-09-2022
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5200UH BELDEN-5200UH Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Riser
12-20-2022
5201FH BELDEN-5201FH Datasheet
146Kb / 3P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
12-20-2022
5201UH BELDEN-5201UH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
11-09-2022
5100UH BELDEN-5100UH Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
5202UH BELDEN-5202UH Datasheet
144Kb / 2P
Security & Sound, 4 Conductor 16 AWG, TC, CMR
12-20-2022
5301FH BELDEN-5301FH Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMR
12-20-2022
5100FH BELDEN-5100FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com