Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5400FH Datasheet (PDF) - Belden Inc.

5400FH Datasheet PDF - Belden Inc.
Part # 5400FH
Download  5400FH Download
File Size   143.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG, TC, CMR

5400FH Datasheet (PDF)

Go To PDF Page Download Datasheet
5400FH Datasheet PDF - Belden Inc.

Part # 5400FH
Download  5400FH Click to download

File Size   143.45 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG, TC, CMR

5400FH Datasheet (HTML) - Belden Inc.


5400FH Product details

Product Description
Security & Commercial Audio Cable, 2 Conductor 20 AWG stranded (7x28) tinned copper conductors with polyolefin insulation, Beldfoil® shield and PVC
jacket with ripcord, Riser rated.




Similar Part No. - 5400FH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5400F1 BELDEN-5400F1 Datasheet
147Kb / 2P
Security & Sound, #20-2c, TC, Shielded, CM, Water-Blocked
02-15-2024
5400F1-0081000 BELDEN-5400F1-0081000 Datasheet
147Kb / 2P
Security & Sound, #20-2c, TC, Shielded, CM, Water-Blocked
02-15-2024
logo
List of Unclassifed Man...
5400FE ETC2-5400FE Datasheet
30Kb / 3P
20 AWG bare copper conductors, PVC insulation, conductors cabled, Beldfoil짰 shield tape (foil side out) with drain wire
logo
Belden Inc.
5400FE BELDEN-5400FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-0081000 BELDEN-5400FE-0081000 Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
More results


Similar Description - 5400FH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5200FH BELDEN-5200FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, CMR
04-13-2023
5400UE BELDEN-5400UE Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5402UH BELDEN-5402UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 20 AWG, TC, CMR
12-20-2022
5400UH BELDEN-5400UH Datasheet
145Kb / 3P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
11-09-2022
5401UH BELDEN-5401UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
5100UH BELDEN-5100UH Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
5301FH BELDEN-5301FH Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMR
12-20-2022
5401FH BELDEN-5401FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
5100FH BELDEN-5100FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
6400UH BELDEN-6400UH Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com