Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5400UH Datasheet (PDF) - Belden Inc.

5400UH Datasheet PDF - Belden Inc.
Part # 5400UH
Download  5400UH Download
File Size   145.2 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG, TC, CMR

5400UH Datasheet (PDF)

Go To PDF Page Download Datasheet
5400UH Datasheet PDF - Belden Inc.

Part # 5400UH
Download  5400UH Click to download

File Size   145.2 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG, TC, CMR

5400UH Datasheet (HTML) - Belden Inc.


5400UH Product details

Product Description
Security & Commercial Audio Cable, 2 Conductor 20 AWG stranded (7x28) tinned copper conductors with polyolefin insulation, PVC jacket with ripcord, Riser
rated.




Similar Part No. - 5400UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5400UE BELDEN-5400UE Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5400UE-0081000 BELDEN-5400UE-0081000 Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5400UE-008U1000 BELDEN-5400UE-008U1000 Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5400UE-008Z1000 BELDEN-5400UE-008Z1000 Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
More results


Similar Description - 5400UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5200FH BELDEN-5200FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, CMR
04-13-2023
5400FH BELDEN-5400FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
12-20-2022
5400UE BELDEN-5400UE Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5402UH BELDEN-5402UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 20 AWG, TC, CMR
12-20-2022
5401UH BELDEN-5401UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
5100UH BELDEN-5100UH Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
5301FH BELDEN-5301FH Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMR
12-20-2022
5401FH BELDEN-5401FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
5100FH BELDEN-5100FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
6400UH BELDEN-6400UH Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com