Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK3827 Datasheet (PDF) - Integrated Circuit Systems

SK3827 Datasheet PDF - Integrated Circuit Systems
Part # SK3827
Download  SK3827 Download
File Size   90.33 Kbytes
Page   1 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 5.8W AUDIO POWER AMP

SK3827 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK3827 Datasheet PDF - Integrated Circuit Systems

Part # SK3827
Download  SK3827 Click to download

File Size   90.33 Kbytes
Page   1 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 5.8W AUDIO POWER AMP

SK3827 Datasheet (HTML) - Integrated Circuit Systems


SK3827 Product details

INTEGRATED CIRCUIT PINOUTS




Similar Part No. - SK3827

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK38 PANJIT-SK38 Datasheet
61Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
SK38 SURGE-SK38 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK38 TRSYS-SK38 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SK38 DCCOM-SK38 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK38 GOOD-ARK-SK38 Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK3827

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1293 NTE-NTE1293 Datasheet
22Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
NTE1375 NTE-NTE1375 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amp for Car Radio, 5.8W
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
logo
Panasonic Semiconductor
AN7168 PANASONIC-AN7168 Datasheet
45Kb / 3P
Dual 5.8W Audio Power Amplifier Circuit
logo
Toshiba Semiconductor
TA8208H TOSHIBA-TA8208H Datasheet
437Kb / 9P
5.8W DUAL AUDIO POWER AMPLIFIER
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
5.8W DUAL AUDIO POWER AMPLIFIER
TA7222AP TOSHIBA-TA7222AP Datasheet
395Kb / 5P
5.8W AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
Dual 5.8W Audio Power Amplifiers
logo
NTE Electronics
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
Integrated Circuit Audio Power Amp, 5.8W
logo
Hangzhou Youwang Electr...
UTC7217 YOUWANG-UTC7217 Datasheet
73Kb / 4P
5.8W AUDIO POWER AMPLIFIER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com