Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1898 Datasheet (PDF) - NTE Electronics

NTE1898 Datasheet PDF - NTE Electronics
Part # NTE1898
Download  NTE1898 Download
File Size   25.89 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)

NTE1898 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1898 Datasheet PDF - NTE Electronics

Part # NTE1898
Download  NTE1898 Click to download

File Size   25.89 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)

NTE1898 Datasheet (HTML) - NTE Electronics


NTE1898 Product details

Description:
The NTE1898 and NTE1899 are dual audio power amplifiers in a 12–Lead SIP type package designed for use as high performance, car–audio power amplifiers in consumer applications. These devices feature high power, low distortion, and low noise along with various types of protection circuits. The NTE1899 is a mirror image pin–out of the NTE1898 allowing for easier design of PC boards when used in BTL–stereo applications.

Features:
● High Power:
    POUT = 22W (Typ) @ VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4Ω (BTL)
    POUT = 5.8W/Ch (Typ) @ VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4Ω (Dual)
● Low Distortion:
    THD = 0.03% (Typ) @ VCC = 14.4V, f = 1kHz, POUT = 4W, RL = 4Ω, GV = 40dB (BTL)
    THD = 0.06% (Typ) @ VCC = 13.2V, f = 1kHz, POUT = 1W, RL = 4Ω, GV = 52dB (Dual)
● Low Noise:
    VNO = 0.14mVrms (Typ) @ VCC = 13.2V, RL = 4Ω, GV = 40dB, Rg = 0, DIN Noise: DIN45405
    VNO = 0.7mVrms (Typ) @ VCC = 13.2V, RL = 4Ω, GV = 52dB, BW = 20Hz to 20kHz (Dual)
● Protector Circuit:
    Thermal Shut Down, Overvoltage, OUT–VCC Short, OUT–GND Short, OUT–OUT Short




Similar Part No. - NTE1898

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE189 NTE-NTE189 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
Integrated Circuit NTSC Decoder for TV
NTE1892 NTE-NTE1892 Datasheet
103Kb / 3P
Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
NTE1892A NTE-NTE1892A Datasheet
103Kb / 3P
Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
Integrated Circuit Hybrid Switching Voltage Regulator
More results


Similar Description - NTE1898

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1293 NTE-NTE1293 Datasheet
22Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
NTE1399 NTE-NTE1399 Datasheet
21Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 18W BTL
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
logo
Toshiba Semiconductor
TA7280P TOSHIBA-TA7280P Datasheet
646Kb / 13P
5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
22W DUAL BTL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
Integrated Circuit Audio Power Amp, 5.8W
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
Dual, Audio Power Amplifier, 22W BTL
logo
Toshiba Semiconductor
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com