Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7280P Datasheet (PDF) - Toshiba Semiconductor

TA7280P Datasheet PDF - Toshiba Semiconductor
Part # TA7280P
Download  TA7280P Download
File Size   646.27 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER

TA7280P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7280P Datasheet PDF - Toshiba Semiconductor

Part # TA7280P
Download  TA7280P Click to download

File Size   646.27 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER

TA7280P Datasheet (HTML) - Toshiba Semiconductor


TA7280P Product details

The TA7280P, TA7281P are dual audio power amplifier for consumer applications. It is designed for high power, low distortion and low noise. It also contains various kind of protectors. It is suitable for car−audio power amplifier with high performance. The kinds of pin configuration are available: Normal (TA7280P) and reverse (TA7281P) for easier layout design of PC−board when used in BTL−stereo application.



 




Similar Part No. - TA7280P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7282AP TOSHIBA-TA7282AP Datasheet
442Kb / 10P
Low Frequency Power Amplifier
TA7283AP TOSHIBA-TA7283AP Datasheet
729Kb / 10P
LOW FREQUENCY POWER AMPLIFIER
TA7288P TOSHIBA-TA7288P Datasheet
279Kb / 8P
DUAL BRIDGE DRIVER
TA7288P TOSHIBA-TA7288P Datasheet
308Kb / 12P
Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
More results


Similar Description - TA7280P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
22W BTL DUAL AUDIO POWER AMPLIFIER
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Toshiba Semiconductor
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
5.8W DUAL AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
22W DUAL BTL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
Dual, Audio Power Amplifier, 22W BTL
logo
Toshiba Semiconductor
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com