Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16879GS-BGG Datasheet (PDF) - Renesas Technology Corp

UPD16879GS-BGG Datasheet PDF - Renesas Technology Corp
Part # UPD16879GS-BGG
Download  UPD16879GS-BGG Download
File Size   444.12 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16879GS-BGG Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16879GS-BGG Datasheet PDF - Renesas Technology Corp

Part # UPD16879GS-BGG
Download  UPD16879GS-BGG Click to download

File Size   444.12 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16879GS-BGG Datasheet (HTML) - Renesas Technology Corp


UPD16879GS-BGG Product details

FEATURES
· Four H bridge circuits employing power MOS FETs
· Current-controlled 64-step micro step driving
· Motor control by serial data (8 bits ´ 13 bytes)
PWM-frequency, output current and number of output pulse can be setting by serial data.
· 3-V power supply.
Minimum operating voltage: 2.7 V
· Low consumption current.
VDD pin current (operating mode) : 3 mA (MAX.)
· Power save circuit bult in.
VDD pin current (power save mode) : 100 mA (MAX.) fCLK: OFF state
VDD pin current (power save mode) : 300 mA (MAX.) fCLK: 4.5 MHz input
· 38-pin shrink SOP (7.62 mm (300))




Similar Part No. - UPD16879GS-BGG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16879GS-BGG NEC-UPD16879GS-BGG Datasheet
199Kb / 6P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
More results


Similar Description - UPD16879GS-BGG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com