Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17P012 Datasheet (PDF) - Renesas Technology Corp

17P012 Datasheet PDF - Renesas Technology Corp
Part # 17P012
Download  17P012 Download
File Size   1923.89 Kbytes
Page   320 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

17P012 Datasheet (PDF)

Go To PDF Page Download Datasheet
17P012 Datasheet PDF - Renesas Technology Corp

Part # 17P012
Download  17P012 Click to download

File Size   1923.89 Kbytes
Page   320 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

17P012 Datasheet (HTML) - Renesas Technology Corp


17P012 Product details

FEATURES
• 17K architecture: General-purpose register method
• Program memory (ROM)
μPD17012: Mask ROM
8 KB (4,096 × 16 bits)
μPD17P012: One-time PROM
8 KB (4,096 × 16 bits)
• General-purpose data memory (RAM)
316 × 4 bits
• Instruction execution time
4.44 μs (with 4.5 MHz crystal resonator)
• Decimal operation
• Table reference
• Hardware for PLL frequency synthesizer
Dual modulus prescaler (250 MHz max.), programmable
divider, phase comparator, charge pump




Similar Part No. - 17P012

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
17P TEC-17P Datasheet
662Kb / 2P
Spindle Operated Potentiometers
17P TEC-17P Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Fairchild Semiconductor
17P10 FAIRCHILD-17P10 Datasheet
676Kb / 9P
100V P-Channel MOSFET
logo
Renesas Technology Corp
17P204 RENESAS-17P204 Datasheet
314Kb / 32P
MOS INTEGRATED CIRCUIT
1992
logo
M-System Co.,Ltd.
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
More results


Similar Description - 17P012

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com