Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD61052GD-LML-A Datasheet (PDF) - Renesas Technology Corp

UPD61052GD-LML-A Datasheet PDF - Renesas Technology Corp
Part # UPD61052GD-LML-A
Download  UPD61052GD-LML-A Download
File Size   783.75 Kbytes
Page   108 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD61052GD-LML-A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD61052GD-LML-A Datasheet PDF - Renesas Technology Corp

Part # UPD61052GD-LML-A
Download  UPD61052GD-LML-A Click to download

File Size   783.75 Kbytes
Page   108 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD61052GD-LML-A Datasheet (HTML) - Renesas Technology Corp


UPD61052GD-LML-A Product details

FEATURES
• Video encode
- Stream standard: MPEG2 video MP@ML, SP@ML standard, MPEG1 standard
- Picture size: Horizontal: 720, 704, 544, 480, 352 dots/line
Vertical: 480, 240, 576, 288 line/frame
- Single pass variable bit rate (VBR), constant bit rate (CBR) encoding
- Transcoding: Bit rate conversion, VBR ⇔ CBR
- Video input/output
Format: 8-bit Y/Cb/Cr 4:2:2 (ITU-R BT.656)
Pre analysis: Film detect, scene changing detect, and motion estimation assist
TBC, VBI data slicer
• Audio encoding
- Bit length: 16 bits, 20 bits, 24 bits
- Sampling rate: 32 kHz, 44.1 kHz, 48 kHz
- MPEG1 audio layer 2 standard based
- Dolby Digital Consumer Encoder standard based (Only the μPD61052)
- Elementary stream and PCM audio input/output
• MPEG system processing
- Multiplex: MPEG2-PS, MPEG2-TS, DVD-Video, and DVD-VR
- De-multiplex: MPEG2-PS, MPEG2-TS
- Transcoding: MPEG2 format conversion (MPEG2-TS ⇔ MPEG2-PS)
- Partial TS generation
• Package: 208-pin fine pitch QFP
• Power supply: 1200 mW (Typ.)
• Power supply voltage: 3.3±0.165 V, 2.5±0.2 V (Internal circuit power)




Similar Part No. - UPD61052GD-LML-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD61052GD-LML-A NEC-UPD61052GD-LML-A Datasheet
824Kb / 106P
MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
More results


Similar Description - UPD61052GD-LML-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com