Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70433 Datasheet (PDF) - Renesas Technology Corp

UPD70433 Datasheet PDF - Renesas Technology Corp
Part # UPD70433
Download  UPD70433 Download
File Size   991.53 Kbytes
Page   168 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD70433 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD70433 Datasheet PDF - Renesas Technology Corp

Part # UPD70433
Download  UPD70433 Click to download

File Size   991.53 Kbytes
Page   168 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD70433 Datasheet (HTML) - Renesas Technology Corp


UPD70433 Product details

FEATURES
· Internal 16-bit architecture, selectable external data bus width (16/8 bits)
· Software compatible with V20TM and V30TM (native mode) and V25 and V35 (includes additional instructions)
· Minimum instruction cycle: 160 ns/12.5 MHz (external 25 MHz)
125 ns/16 MHz (external 32 MHz)
· Address space: 16M bytes: 1-Mbyte basic memory space
16-Mbyte extended memory space
· Register file space (in on-chip RAM) : 512 bytes/16 register banks
· I/O space : 64K bytes
· Automatic wait control with memory space divided in variable sizes (max. 6 blocks)
· I/O line (input ports: 11 bits, input/output ports: 42 bits)
· DMA controller (DMAC): Max. 4-channel configuration possible
• Four DMA transfer modes (single transfer, demand release, single step, burst)
• Intelligent DMA modes 1 and 2
· Serial interface: 2 channels
• Asynchronous mode (UART) or clocked mode (CSI) selectable
· Parallel interface: 8 bits
• Centronics data input/output and general-purpose data input/output
· A/D converter (8 bits): 4 channels
· Real-time output port: 4 bits ´ 2 channels or 8 bits ´ 1 channel
· PMW (Pulse Width Modulation) output function : 8 bits




Similar Part No. - UPD70433

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70433 NEC-UPD70433 Datasheet
772Kb / 166P
V55PITM 16-BIT MICROPROCESSOR
UPD70433GD-12-5BB NEC-UPD70433GD-12-5BB Datasheet
772Kb / 166P
V55PITM 16-BIT MICROPROCESSOR
UPD70433GD-16-5BB NEC-UPD70433GD-16-5BB Datasheet
772Kb / 166P
V55PITM 16-BIT MICROPROCESSOR
UPD70433GJ-12-3EB NEC-UPD70433GJ-12-3EB Datasheet
772Kb / 166P
V55PITM 16-BIT MICROPROCESSOR
UPD70433GJ-16-3EB NEC-UPD70433GJ-16-3EB Datasheet
772Kb / 166P
V55PITM 16-BIT MICROPROCESSOR
More results


Similar Description - UPD70433

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com