Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet (PDF) - Renesas Technology Corp

UPD70732 Datasheet PDF - Renesas Technology Corp
Part # UPD70732
Download  UPD70732 Download
File Size   502.84 Kbytes
Page   68 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS Integrated Circuit

UPD70732 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD70732 Datasheet PDF - Renesas Technology Corp

Part # UPD70732
Download  UPD70732 Click to download

File Size   502.84 Kbytes
Page   68 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS Integrated Circuit

UPD70732 Datasheet (HTML) - Renesas Technology Corp


UPD70732 Product details

Features
High-performance 32-bit architecture for embedded control application
• 32-bit separate address/data bus
• 1-Kbyte cache memory
• Pipeline structure of 1 clock pitch
• 16-bit fixed instructions (with some exceptions)
• 32-bit general-purpose registers: 32
• 4-Gbyte linear address space
• Register/flag hazard interlocked by hardware
Dynamic bus sizing function (16 bits)
16-bit bus fixing function
16-bit bus system can be configured.
Instructions ideal for various application fields
• Floating-point operation instructions (based upon IEEE754 data format)
• Bit string instructions
16 levels of high-speed interrupt responses
Clock can be stopped by internal static operation
Maximum operating frequency: 16/20/25 MHz
Low voltage: VDD = 2.7 to 3.6 V (Max. 16 MHz)
VDD = 2.2 to 3.6 V (Max. 10 MHz)
Small package versions available (14 x 14 mm fine-pitch TQFP)




Similar Part No. - UPD70732

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70732 NEC-UPD70732 Datasheet
459Kb / 66P
V810TM 32-BIT MICROPROCESSOR
UPD70732GC-25-9EV NEC-UPD70732GC-25-9EV Datasheet
459Kb / 66P
V810TM 32-BIT MICROPROCESSOR
UPD70732GD-16-LBB NEC-UPD70732GD-16-LBB Datasheet
459Kb / 66P
V810TM 32-BIT MICROPROCESSOR
UPD70732GD-20-LBB NEC-UPD70732GD-20-LBB Datasheet
459Kb / 66P
V810TM 32-BIT MICROPROCESSOR
UPD70732GD-25-LBB NEC-UPD70732GD-25-LBB Datasheet
459Kb / 66P
V810TM 32-BIT MICROPROCESSOR
More results


Similar Description - UPD70732

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com