Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2507 Datasheet (PDF) - SMSC Corporation

USB2507 Datasheet PDF - SMSC Corporation
Part # USB2507
Download  USB2507 Download
File Size   796.71 Kbytes
Page   44 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated USB 2.0 Compatible 7-Port Hub

USB2507 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2507 Datasheet PDF - SMSC Corporation

Part # USB2507
Download  USB2507 Click to download

File Size   796.71 Kbytes
Page   44 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated USB 2.0 Compatible 7-Port Hub

USB2507 Datasheet (HTML) - SMSC Corporation


USB2507 Product details

General Description
The SMSC 7-Port Hub is fully compliant with the USB 2.0 Specification and will attach to a USB host as a Full-Speed Hub or as a Full-/High-Speed Hub. The 7-Port Hub supports Low-Speed, Full-Speed, and High-Speed (if operating as a High-Speed Hub) downstream devices on all of the enabled downstream ports.
A dedicated Transaction Translator (TT) is available for each downstream facing port. This architecture ensures maximum USB throughput for each connected device when operating with mixed-speed peripherals.
The Hub works with an external USB power distribution switch device to control VBUS switching to downstream ports, and to limit current and sense over-current conditions.
All required resistors on the USB ports are integrated into the Hub. This includes all series termination resistors on D+ and D– pins and all required pull-down and pull-up resistors on D+ and D– pins. The over-current sense inputs for the downstream facing ports have internal pull-up resistors.
Throughout this document the upstream facing port of the hub will be referred to as the upstream port, and the downstream facing ports will be called the downstream ports.

PRODUCT FEATURES
■ Integrated USB 2.0 Compatible 7-Port Hub
   — 7 Transaction Translators for highest performance
   — High-Speed (480Mbits/s), Full-Speed (12Mbits/s) and Low-Speed (1.5Mbits/s) compatible
   — Full power management with per port or ganged, selectable power control
   — Detects Bus-Power/Self-Power source and changes mode automatically
■ Complete USB Specification 2.0 Compatibility
   — Includes USB 2.0 Transceivers
■ VID/PID/DID, and Port Configuration for Hub via:
   — Single Serial I2C EEPROM
   — SMBus Slave Port
■ Default VID/PID/DID, allows functionality when configuration EEPROM is absent
■ Hardware Strapping options allow for configuration without an external EEPROM or SMBus Host
■ On-Board 24MHz Crystal Driver Circuit or 24 MHz external clock driver
■ Internal PLL for 480MHz USB 2.0 Sampling
■ Internal 1.8V Linear Voltage Regulator
■ Integrated USB termination and Pull-up/Pull-down resistors
■ Internal Short Circuit protection of USB differential signal pins
■ 1.8 Volt Low Power Core Operation
■ 3.3 Volt I/O with 5V Input Tolerance
■ 80-Pin TQFP lead-free RoHS compliant package




Similar Part No. - USB2507

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507-ADT SMSC-USB2507-ADT Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
logo
Microchip Technology
USB2507-ADT MICROCHIP-USB2507-ADT Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
More results


Similar Description - USB2507

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB2503-HZH SMSC-USB2503-HZH Datasheet
652Kb / 43P
Integrated USB 2.0 Compatible 3-Port Hub
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
USB 2.0 7-Port Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
USB2503 MICROCHIP-USB2503 Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com