Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2507 Datasheet (PDF) - Microchip Technology

USB2507 Datasheet PDF - Microchip Technology
Part # USB2507
Download  USB2507 Download
File Size   376.48 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated USB 2.0 Compatible 7-Port Hub

USB2507 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2507 Datasheet PDF - Microchip Technology

Part # USB2507
Download  USB2507 Click to download

File Size   376.48 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated USB 2.0 Compatible 7-Port Hub

USB2507 Datasheet (HTML) - Microchip Technology


USB2507 Product details

INTRODUCTION
The Microchip 7-Port Hub is fully compliant with the USB 2.0 Specification and will attach to a USB host as a Full-Speed Hub or as a Full-/High-Speed Hub. The 7-Port Hub supports Low-Speed, Full-Speed, and High-Speed (if operating as a High-Speed Hub) downstream devices on all of the enabled downstream ports.
A dedicated Transaction Translator (TT) is available for each downstream facing port. This architecture ensures maxi mum USB throughput for each connected device when operating with mixed-speed peripherals.
The Hub works with an external USB power distribution switch device to control VBUS switching to downstream ports, and to limit current and sense over-current conditions.
All required resistors on the USB ports are integrated into the Hub. This includes all series termination resistors on D+ and D– pins and all required pull-down and pull-up resistors on D+ and D– pins. The over-current sense inputs for the downstream facing ports have internal pull-up resistors.
Throughout this document the upstream facing port of the hub will be referred to as the upstream port, and the down stream facing ports will be called the downstream ports.

Highlights
• Integrated USB 2.0 Compatible 7-Port Hub
   - 7 Transaction Translators for highest performance
   - High-Speed (480Mbits/s), Full-Speed (12Mbits/s) and Low-Speed (1.5Mbits/s) compatible
   - Full power management with per port or ganged, selectable power control
   - Detects Bus-Power/Self-Power source and changes mode automatically
• Complete USB Specification 2.0 Compatibility
   - Includes USB 2.0 Transceivers
• VID/PID/DID, and Port Configuration for Hub via:
   - Single Serial I2C EEPROM
   - SMBus Slave Port
• Default VID/PID/DID, allows functionality when configuration EEPROM is absent
• Hardware Strapping options allow for configuration without an external EEPROM or SMBus Host
• On-Board 24MHz Crystal Driver Circuit or 24 MHz external clock driver
• Internal PLL for 480MHz USB 2.0 Sampling
• Internal 1.8V Linear Voltage Regulator
• Integrated USB termination and Pull-up/Pull-down resistors
• Internal Short Circuit protection of USB differential signal pins
• 1.8 Volt Low Power Core Operation
• 3.3 Volt I/O with 5V Input Tolerance
• 80-Pin TQFP RoHS compliant package




Similar Part No. - USB2507

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2507-ADT SMSC-USB2507-ADT Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2507-ADT SMSC-USB2507-ADT Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
More results


Similar Description - USB2507

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB2503-HZH SMSC-USB2503-HZH Datasheet
652Kb / 43P
Integrated USB 2.0 Compatible 3-Port Hub
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
USB 2.0 7-Port Hub
logo
Microchip Technology
USB2503 MICROCHIP-USB2503 Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com