Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2507 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2507 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2507 Datasheet HTML 4Page - Microchip Technology USB2507 Datasheet HTML 5Page - Microchip Technology USB2507 Datasheet HTML 6Page - Microchip Technology USB2507 Datasheet HTML 7Page - Microchip Technology USB2507 Datasheet HTML 8Page - Microchip Technology USB2507 Datasheet HTML 9Page - Microchip Technology USB2507 Datasheet HTML 10Page - Microchip Technology USB2507 Datasheet HTML 11Page - Microchip Technology USB2507 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
USB2507
DS000002251A-page 8
 2007 - 2016 Microchip Technology Inc.
7-PORT USB 2.0 HUB INTERFACE
High-Speed USB
Data
USBDN[7:1]
USBDP[7:1]
IO-U
These pins connect to the downstream USB peripheral
devices attached to the Hub’s ports.
USB Power Enable
PRTPWR[7:1]
O12
Enables power to USB peripheral devices (downstream).
The active signal level of the PRTPWR7:1 pins is determined
by the Power Polarity Strapping function of the
PRTPWR_POL pin.
Ports [7:5] Green
LED
GR[7:5]
I/O12
Green indicator LED’s for ports[7:5]. LED is active low
Port 4:3 Green
LED
&
Port Disable
strapping option.
GR[4:3]/
PRT_DIS[1:0]
I/O12
Green indicator LED for ports 4 and 3. Will be active low
when LED support is enabled via EEPROM or SMBus.
If the hub is configured by the internal default configuration,
these pins will be sampled at RESET_N negation to
determine if ports [7:5] will be permanently disabled. Also, the
active state of the LED’s will be determined as follows:
PRT_DIS[1:0] = ‘00’, All ports are enabled,
GR4 is active high,
GR3 is active high.
PRT_DIS[1:0] = ‘01’, Port 7 is disabled,
GR4 is active high,
GR3 is active low.
PRT_DIS[1:0] = ‘10’, Ports 7 & 6 are disabled,
GR4 is active low,
GR3 is active high.
PRT_DIS[1:0] = ‘11’, Ports 7, 6 & 5 are disabled,
GR4 is active low,
GR3 is active low.
Port [2:1] Green
LED
&
Port Non-
Removable
strapping option.
GR[2:1]/
NON_REM[1:0]
I/O12
Green indicator LED for ports 2 and 1. Will be active low
when LED support is enabled via EEPROM or SMBus.
If the hub is configured by the internal default configuration,
these pins will be sampled at RESET_N negation to
determine if ports [3:1] contain permanently attached (non-
removable) devices. Also, the active state of the LED’s will be
determined as follows:
NON_REM[1:0] = ‘00’, All ports are removable,
GR2 is active high,
GR1 is active high.
NON_REM[1:0] = ‘01’, Port 1 is non-removable,
GR2 is active high,
GR1 is active low.
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable,
GR2 is active low,
GR1 is active high.
NON_REM[1:0] = ‘11’, Ports 1, 2, & 3 are non-removable,
GR2 is active low,
GR1 is active low.
Ports [7:5] Amber
LED
AM[7:5]
I/O12
Amber indicator LED’s for ports [7:5], LED is active low.
TABLE 4-1:
7-PORT HUB PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com